Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25481F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD25481F4
Description  CSD25481F4, 20 V P-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25481F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD25481F4 Datasheet HTML 1Page - Texas Instruments CSD25481F4 Datasheet HTML 2Page - Texas Instruments CSD25481F4 Datasheet HTML 3Page - Texas Instruments CSD25481F4 Datasheet HTML 4Page - Texas Instruments CSD25481F4 Datasheet HTML 5Page - Texas Instruments CSD25481F4 Datasheet HTML 6Page - Texas Instruments CSD25481F4 Datasheet HTML 7Page - Texas Instruments CSD25481F4 Datasheet HTML 8Page - Texas Instruments CSD25481F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
D
G
S
0.35
mm
CSD25481F4
SLPS420B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
CSD25481F4, 20 V P-Channel FemtoFET™ MOSFET
.
1 Features
Product Summary
1
Ultra-Low On Resistance
VDS
Drain-to-Source Voltage
–20
V
Ultra-Low Qg and Qgd
Qg
Gate Charge Total (–4.5 V)
913
pC
High Operating Drain Current
Qgd
Gate Charge Gate to Drain
153
pC
VGS = –1.8 V
395
m
Ultra-Small Footprint (0402 Case Size)
RDS(on)
Drain-to-Source On Resistance
VGS = –2.5 V
145
m
1.0 mm x 0.6 mm
VGS = –4.5 V
90
m
Ultra-Low Profile
VGS(th)
Threshold Voltage
–0.95
V
0.35 mm Max Height
Integrated ESD Protection Diode
Ordering Information
Rated > 4 kV HBM
Device
Qty
Media
Package
Ship
7-Inch
Rated > 2 kV CDM
CSD25481F4
3000
Femto(0402)
Reel
Tape and
1.0 mm x 0.6 mm
Lead and Halogen Free
Reel
7-Inch
Land Grid Array (LGA)
CSD25481F4T
250
Reel
RoHS Compliant
2 Applications
Absolute Maximum Ratings
TA = 25°C unless otherwise stated
VALUE
UNIT
Optimized for Load Switch Applications
VDS
Drain-to-Source Voltage
–20
V
Optimized for General Purpose Switching
VGS
Gate-to-Source Voltage
–12
V
Applications
ID
Continuous Drain Current(1)
–2.5
A
Battery Applications
IDM
Pulsed Drain Current(2)
–10
A
Handheld and Mobile Applications
Continuous Gate Clamp Current
–35
IG
mA
Pulsed Gate Clamp Current(2)
–350
3 Description
PD
Power Dissipation(1)
500
mW
This 90 m
Ω, 20 V P-Channel FemtoFET™ MOSFET
Human Body Model (HBM)
4
kV
ESD
is designed and optimized to minimize the footprint in
Rating Charged Device Model (CDM)
2
kV
many
handheld
and
mobile
applications.
This
TJ,
Operating Junction and
–55 to 150
°C
technology is capable of replacing standard small
TSTG
Storage Temperature Range
signal MOSFETs while providing at least a 60%
(1) Typical RθJA = 85°C/W on 1-inch
2 (6.45-cm2), 2-oz. (0.071-
reduction in footprint size.
mm thick) Cu pad on a 0.06-inch (1.52-mm) thick FR4 PCB.
(2) Pulse duration
≤ 300 μs, duty cycle ≤ 2%
.
Top View
Typical Part Dimensions
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD25481F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
CSD25481F4 TI1-CSD25481F4 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI2-CSD25481F4 Datasheet
900Kb / 11P
CSD25481F4 20 V P-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD25481F4.B TI2-CSD25481F4.B Datasheet
900Kb / 11P
CSD25481F4 20 V P-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD25481F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com