Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0434BA02617S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0434BA02617S
Description  434 MHz SAW Filter 7 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA02617S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0434BA02617S Datasheet HTML 1Page - API Technologies Corp SF0434BA02617S Datasheet HTML 2Page - API Technologies Corp SF0434BA02617S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
434 MHz SAW Filter
7 MHz Bandwidth
Part Number: SF0434BA02617S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0434BA02517S Rev X2 4-Feb-11
Page 1 of 3
DESCRIPTION
•
433.92 MHz SAW Filter with nominal 7 MHz bandwidth.
•
3 x 3 mm LCC Package, 6 pads.
•
RoHS compliant.
TYPICAL PERFORMANCE


Similar Part No. - SF0434BA02617S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0434BA02617S SPECTRUM-SF0434BA02617S Datasheet
97Kb / 3P
434 MHz SAW Filter 7 MHz Bandwidth
More results

Similar Description - SF0434BA02617S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070CF51556T ICST-SF0070CF51556T Datasheet
130Kb / 2P
70 MHz SAW Bandpass Filter 7 MHz bandwidth
Rev X1
SF0140BA03069S ICST-SF0140BA03069S Datasheet
122Kb / 2P
140 MHz SAW Filter 7 MHz Bandwidth
SF0434BA02507S ICST-SF0434BA02507S Datasheet
62Kb / 2P
434 MHz SAW Filter 4 MHz Bandwidth
Rev X2
logo
API Technologies Corp
SF0140BA03069S APITECH-SF0140BA03069S Datasheet
127Kb / 2P
140 MHz SAW Filter 7 MHz Bandwidth
SF0070CF51556T APITECH-SF0070CF51556T Datasheet
139Kb / 3P
70 MHz SAW Filter 7 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
434 MHz SAW Filter 11 MHz Bandwidth
SF0434BA02587S SPECTRUM-SF0434BA02587S Datasheet
355Kb / 3P
433.92 MHz SAW Filter 7 MHz Bandwidth
SF0434BA02617S SPECTRUM-SF0434BA02617S Datasheet
97Kb / 3P
434 MHz SAW Filter 7 MHz Bandwidth
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
434 MHz SAW Filter 11 MHz Bandwidth
SF0434BA02587S APITECH-SF0434BA02587S Datasheet
355Kb / 3P
433.92 MHz SAW Filter 7 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com