Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN997 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN997
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN997 Datasheet(HTML) 5 Page - Microchip Technology

  AN997 Datasheet HTML 1Page - Microchip Technology AN997 Datasheet HTML 2Page - Microchip Technology AN997 Datasheet HTML 3Page - Microchip Technology AN997 Datasheet HTML 4Page - Microchip Technology AN997 Datasheet HTML 5Page - Microchip Technology AN997 Datasheet HTML 6Page - Microchip Technology AN997 Datasheet HTML 7Page - Microchip Technology AN997 Datasheet HTML 8Page - Microchip Technology AN997 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Serial Memory Products
5
Memory Package Matrix
Memory Packages – more memory in less space!
Serial EEPROM devices from Microchip are available in a wide variety of tiny, innovative packages to help minimize
your design – save board space and cost!
■ WLCSP – die-sized package – smallest form factor EEPROM package in the world!
■ SC70 – smallest 5-lead EEPROM package!
■ 5-SOT-23 available up to 64 Kbit; 8-TDFN up to 128 Kbit, 8-SOIC up to 1 Mbit (I2C)
Density
Max
Speed
SOIC
SN
SOT-23
OT/TT
TSSOP
TS
TDFN
MNY/MC
PDIP
P
MSOP
MS
SOIJ
SM
DFN
MF
SC70
LT
TO92
TO
Wafer
W/S/WF
WLCSP
CS
5x6
3x3
3x6.5
2x3
8x9.5
3x5
5x8
5x6
2x2
Die
Die
I2C™ Bus 1.7V-5.5V
128bit-2K
400 KHz
X
5
XX
X
X
5
X
4K-32K
400 KHz
X
5
XX
X
X
X
X
64K
1 MHz
X
5
XX
X
X
X
X
X
128K
1 MHz
XX
X
X
X
X
X
X
X
256K
1 MHz
XX
X
X
X
X
X
X
512K
1 MHz
XX
X
X
X
X
X
1 Mbit
1 MHz
XX
X
Microwire Bus 1.8V-5.5V
1K-16K
3 MHz
X
6
XX
X
X
X
SPI Bus 1.8V-5.5V
1K-4K
10 MHz
X
6
XX
X
X
X
8K-64K
10 MHz
XX
X
X
X
X
128K, 256K
10 MHz
XX
X
X
X
X
512K
20 MHz
X
14
XX
X
X
1 Mbit
20 MHz
XX
X
X
UNI/O® Single-Wire Bus 1.8V-5.5V
1K-16K
100 KHz
X
3
XX
X
X
X
X
Package Sizes
8-SOIC (SN)
5 x 6 mm
8-DFN (MF)
5 x 6 mm
8-SOIC (SM)
5 x 8 mm
8-PDIP (P)
8 x 9.5 mm
Die/Wafer
WL-CSP
.
5-SC70
(LT)
2 x 2 mm
.
3-SOT
(TT)
3 x 2.5 mm
.
.
5 & 6-SOT
(OT)
3 x 3 mm
.
8-TDFN
(MC/MNY)
2 x 3 mm
.
8-MSOP
(MS)
3 x 5 mm
.
8-TSSOP
(ST)
3 x 6.5 mm
.....
........
......
..
............
WLCSP – World’s Smallest EEPROM Package
WLCSP from Microchip is bumped die with a redistribution layer to route
the bond pads to the bumps.
■ True ‘die-sized’ packages
■ Industry’s smallest package, form factor
■ Lowest profile package
■ Available in I2C, UNI/O buses
■ Compatible with standard surface mount assembly lines
■ Fit a large density into a small space
■ Applications: mobile phones, security cameras, sensors, servers,
networking, RF, medical, portable electronics
WLCSP 4 Kbit I2C
<1 x 1 mm
Actual Size
Enlarged to Show
Detail
Wafer Level
Chip Scale Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com