Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19506KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19506KCS
Description  80V N-Channel NexFET Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19506KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19506KCS Datasheet HTML 1Page - Texas Instruments CSD19506KCS Datasheet HTML 2Page - Texas Instruments CSD19506KCS Datasheet HTML 3Page - Texas Instruments CSD19506KCS Datasheet HTML 4Page - Texas Instruments CSD19506KCS Datasheet HTML 5Page - Texas Instruments CSD19506KCS Datasheet HTML 6Page - Texas Instruments CSD19506KCS Datasheet HTML 7Page - Texas Instruments CSD19506KCS Datasheet HTML 8Page - Texas Instruments CSD19506KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 100A
TC = 125°C,I D = 100A
G001
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
Qg - Gate Charge (nC)
ID = 100A
VDS = 40V
G001
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
CSD19506KCS
www.ti.com
SLPS481 – DECEMBER 2013
80V N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD19506KCS
1
FEATURES
2
•
Ultra-Low Qg and Qgd
PRODUCT SUMMARY
•
Low Thermal Resistance
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
80
V
•
Avalanche Rated
Qg
Gate Charge Total (10 V)
120
nC
•
Pb-Free Terminal Plating
Qgd
Gate Charge Gate to Drain
20
nC
•
RoHS Compliant
VGS = 6 V
2.2
m
Ω
RDS(on)
Drain-to-Source On Resistance
•
Halogen Free
VGS = 10 V
2.0
m
Ω
•
TO-220 Plastic Package
VGS(th)
Threshold Voltage
2.5
V
APPLICATIONS
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
TO-220 Plastic
•
Motor Control
CSD19506KCS
Tube
50
Tube
Package
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
This 80 V, 2.0 m
Ω, TO-220 NexFET™ power
TA = 25°C
VALUE
UNIT
MOSFET is designed to minimize losses in power
VDS
Drain-to-Source Voltage
80
V
conversion applications.
VGS
Gate-to-Source Voltage
±20
V
Continuous Drain Current (Package limited)
100
Pin Out Drawing
Continuous Drain Current (Silicon limited),
273
ID
TC = 25°C
A
Continuous Drain Current (Silicon limited),
193
TC = 100°C
IDM
Pulsed Drain Current (1)
236
A
PD
Power Dissipation
375
W
TJ,
Operating Junction and Storage
–55 to 175
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
832
mJ
ID = 129 A, L = 0.1 mH, RG = 25 Ω
(1) Pulse duration
≤ 300 μs, Duty cycle ≤ 1%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD19506KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD19506KCS ISC-CSD19506KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19506KCS TI2-CSD19506KCS Datasheet
1,008Kb / 13P
CSD19506KCS 80V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
CSD19506KCS.B TI2-CSD19506KCS.B Datasheet
1,008Kb / 13P
CSD19506KCS 80V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
More results

Similar Description - CSD19506KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
N-Channel NexFET??Power MOSFETs
CSD16412Q5A TI-CSD16412Q5A Datasheet
346Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
N-Channel NexFET??Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
N-Channel NexFET Power MOSFETs
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com