Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD104SLG Datasheet(PDF) 17 Page - AZ Displays

Part # PD104SLG
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLG Datasheet(HTML) 17 Page - AZ Displays

Back Button PD104SLG Datasheet HTML 13Page - AZ Displays PD104SLG Datasheet HTML 14Page - AZ Displays PD104SLG Datasheet HTML 15Page - AZ Displays PD104SLG Datasheet HTML 16Page - AZ Displays PD104SLG Datasheet HTML 17Page - AZ Displays PD104SLG Datasheet HTML 18Page - AZ Displays PD104SLG Datasheet HTML 19Page - AZ Displays PD104SLG Datasheet HTML 20Page - AZ Displays PD104SLG Datasheet HTML 21Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PD104SLG
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
Page:17
Note 9-1:The definitions of viewing angles are as follows.
12 o’clock
3 o’clock
9 o’clock
6 o’clock
θθθθ
φφφφ
LED BL connector
Note 9-2 : The definition of contrast ratio
Black
is
point
Testing
when
Luminance
White
is
point
Testing
when
Luminance
CR
=
Note 9-3:Topcon BM-5A or BM-7 fast luminance meter 1°field of view is used in the testing .
Note 9-4: Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
White
Black
Tr
Tf
Note 9-5: The uniformity of LCD is defined as
The Minimum Brightness of the 9 testing Points
U =
The Maximum Brightness of the 9 testing Points
Luminance meter : BM-5A or BM-7 fast(TOPCON)
Measurement distance : 500 mm +/- 50 mm
Ambient illumination : < 1 Lux
Measuring direction : Perpendicular to the surface of module
P-511-525(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com