Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM9486 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9486
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9486 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9486 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +48 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +42 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +30 dBm (Typ.)
Power
Vdc
+15
+15
mA
110
125 Max.
RF AMPLIFIER
MODEL
TM9486
Features
!
!
!
!
! High Gain: 20.0 dB Typical
!
!
!
!
! High Output Power: +20.5 dBm Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
100 - 4000 MHz
100 - 4000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
<3.8
5.0 Max.
VSWR
In
<1.6:1
1.9:1 Max.
Out
<1.8:1
2.1:1 Max.
Reverse Isolation (dB)
-39
-30 Max.
Power @ 1 dB
Comp. (dBm)
+20.5
+19.5 Min.
Gain (dB)
20.0
18.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +17 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Available as:
TM9486, 4 Pin TO-8 (T4)
TN9486, 4 Pin Surface Mount (SM3)
FP9486, 4 Pin Flatpack (FP4)
BX9486, Connectorized Housing (H1)
±0.5
±1.0 Max.
Gain Flatness (dB)
2.0
1.5
1.0
2.0
1.5
1.0
1.5
5.5
3.5
26.5
23.5
19.5
23.0
22.0
21.0
20.0
19.0
- 36
- 38
- 40
- 42
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
21.5
25.5
Start 100 MHz
Start 100 MHz
Start 100 MHz
Start 100 MHz
Start 100 MHz
Start 100 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
- 34
2.5
4.5
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
==================================================================================================
100
880
1660
2440
3220
4000
.33
.13
.14
.22
.19
.16
-171
122
-137
174
137
42
12.90
13.52
12.71
11.57
11.35
13.84
16
-85
-169
112
30
-97
.01
.02
.02
.01
.01
.02
23
-24
-65
-132
166
62
.26
.05
.17
.27
.03
.15
73
-113
-46
-120
77
-54
Rev.
6/12/09
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM9486

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9486 SPECTRUM-TM9486 Datasheet
55Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9486

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com