Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM9479 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9479
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9479 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9479 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +61 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +55 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +36 dBm (Typ.)
Power
Vdc
+15
+15
mA
115
126 Max.
RF AMPLIFIER
MODEL
TM9479
Features
!
!
!
!
! High Gain: 8.3 dB Typical
!
!
!
!
! High Output Power: +22 dBm Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
100 - 4000 MHz
100 - 4000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.8
6.0 Max.
VSWR
In
1.4:1
2.0:1 Max.
Out
1.4:1
2.0:1 Max.
Reverse Isolation (dB)
-16
-15 Max.
Power @ 1 dB
Comp. (dBm)
+22.0
+20.0 Min.
Gain (dB)
8.3
7.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 105 ºC
DC Voltage ......................................................... + 17 Volts
Continuous RF Input Power ................................. + 15 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.25 Watt (3
µsec Max.)
Available as:
TM9479, 4 Pin TO-8 (T4)
TN9479, 4 Pin Surface Mount (SM3)
FP9479, 4 Pin Flatpack (FP4)
BX9479, Connectorized Housing (H1)
±0.3
±0.8 Max.
Gain Flatness (dB)
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
==================================================================================================
100
880
1660
2440
3220
4000
.24
.19
.24
.21
.21
.36
41
-123
152
62
-44
-143
2.82
3.01
3.00
3.07
3.06
2.72
-152
80
-15
-111
146
29
.13
.14
.13
.12
.11
.07
29
-86
-169
110
20
-75
.22
.13
.20
.23
.13
.30
94
-14
-113
163
50
-141
3.0
2.0
1.0
2.0
1.5
1.0
3
7
5
11
9
7
25.5
24.5
23.5
22.5
22.0
- 18
- 20
- 22
- 24
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
Stop 4000 MHz
8
10
Start 100 MHz
Start 100 MHz
Start 100 MHz
Start 100 MHz
Start 100 MHz
Start 100 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
- 16
4
6
Rev.
2/22/07
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM9479

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9479 SPECTRUM-TM9479 Datasheet
50Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9479

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com