Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0915BA02501S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0915BA02501S
Description  915 MHz SAW Filter 37 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0915BA02501S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0915BA02501S Datasheet HTML 1Page - API Technologies Corp SF0915BA02501S Datasheet HTML 2Page - API Technologies Corp SF0915BA02501S Datasheet HTML 3Page - API Technologies Corp SF0915BA02501S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
915 MHz SAW Filter
37 MHz Bandwidth
Part Number: SF0915BA02501S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF0915BA02501S Rev B
7-Apr-2010
ECN 36650
Page 2 of 4
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
915
-
MHz
Passband Width
-13
-
+13
MHz
Insertion Loss (902 to 928 MHz)
-
2.8
3.3
dB
Amplitude Ripple (902 to 928 MHz)
-
1.1
1.5
dB p-p
Relative Attenuation (10 to 700 MHz)
2
50
55
-
dB
Relative Attenuation (700 to 845 MHz)
2
45
50
-
dB
Relative Attenuation (845 to 880 MHz)
2
35
40
-
dB
Relative Attenuation (947 to 992 MHz)
2
15
20
-
dB
Relative Attenuation (992 to 1020 MHz)
2
35
40
-
dB
Relative Attenuation (1020 to 1200 MHz)
2
45
50
-
dB
Temperature Coefficient of Frequency
-
-30
-
Ppm/ C
Terminating Impedance
50 Ω // 0 nF
Ambient Temperature
-
25
-
°C
Notes:
1. Fixed reference point.
2. Reference level from 0dB.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
0
70
˚C
Input Power Level
-
10
dBm
DC Voltage
-
10
Volts
MATCHING CIRCUIT
Note: Matching components are not required; 50 ohm single-ended system.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com