Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0943BA02541S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0943BA02541S
Description  942.5 MHz SAW Filter 35 MHz bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0943BA02541S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0943BA02541S Datasheet HTML 1Page - API Technologies Corp SF0943BA02541S Datasheet HTML 2Page - API Technologies Corp SF0943BA02541S Datasheet HTML 3Page - API Technologies Corp SF0943BA02541S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
942.5 MHz SAW Filter
35 MHz bandwidth
Part Number SF0943BA02541S
IDT
• SAW Products • 324 Clark Street, Worcester, MA 01606, USA • Ph 1-508-852-5400 • Fax 1-508-852-8456
www.idt.com
DSSF0943BA02541S Rev B Mar 4, 2008
ECN 35836
Page 2 of 4
S11 (792.5 to 1092.5 MHz)
S22 (792.5 to 1092.5 MHz)
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
942.5
-
MHz
Insertion Loss (925 to 960 MHz)
-
2.8
4
dB
Amplitude Ripple (925 to 960 MHz)
-
1.1
2.3
dB
Attenuation (0.3 to 800 MHz)
2
50
60
-
dB
Attenuation (800 to 880 MHz)
2
40
53
-
dB
Attenuation (880 to 905 MHz)
2
30
47
-
dB
Attenuation (980 to 982 MHz)
2
16
27
-
dB
Attenuation (982 to 1005 MHz)
2
23
29
-
dB
Attenuation (1005 to 1025 MHz)
2
29
41
-
dB
Attenuation (1025 to 1760 MHz)
2
40
48
-
dB
Attenuation (1760 to 2300 MHz)
2
30
40
-
dB
Attenuation (2300 to 3000 MHz)
2
20
28
-
dB
Input VSWR (925 to 960 MHz)
-
1.5
2.1
:1
Output VSWR (925 to 960 MHz)
-
1.5
2.1
:1
Ambient Temperature
-
25
-
°C
System Source and Load Impedance
-
50
-
Ω
Notes:
1. Average of lower & upper 3 dB frequencies.
2. Reference level from 0 dB.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-20
85
˚C
Input Power Level
-
15
dBm
DC Voltage
-
3
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com