Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4467CPD Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4467CPD
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467CPD Datasheet(HTML) 3 Page - Microchip Technology

  TC4467CPD Datasheet HTML 1Page - Microchip Technology TC4467CPD Datasheet HTML 2Page - Microchip Technology TC4467CPD Datasheet HTML 3Page - Microchip Technology TC4467CPD Datasheet HTML 4Page - Microchip Technology TC4467CPD Datasheet HTML 5Page - Microchip Technology TC4467CPD Datasheet HTML 6Page - Microchip Technology TC4467CPD Datasheet HTML 7Page - Microchip Technology TC4467CPD Datasheet HTML 8Page - Microchip Technology TC4467CPD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 3
TC4467/TC4468/TC4469
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ...............................................................+20 V
Input Voltage ............................. (GND – 5 V) to (VDD + 0.3 V)
Package Power Dissipation: (TA ≤ 70°C)
PDIP...................................................................800 mW
CERDIP .............................................................840 mW
SOIC ..................................................................760 mW
Package Thermal Resistance:
CERDIP RθJ-A ...................................................100°C/W
CERDIP RθJ-C.....................................................23°C/W
PDIP RθJ-A ..........................................................80°C/W
PDIP RθJ-C..........................................................35°C/W
SOIC RθJ-A..........................................................95°C/W
SOIC RθJ-C..........................................................28°C/W
Operating Temperature Range:
C Version ................................................... 0°C to +70°C
E Version.................................................-40°C to +85°C
M Version ..............................................-55°C to +125°C
Maximum Chip Temperature....................................... +150°C
Storage Temperature Range.........................-65°C to +150°C
†Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, TA = +25°C, with 4.5 V ≤ VDD ≤ 18 V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic 1, High Input Voltage
VIH
2.4
VDD
V
Note 3
Logic 0, Low Input Voltage
VIL
——
0.8
V
Note 3
Input Current
IIN
-1.0
+1.0
µA
0 V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
V
ILOAD = 100 µA (Note 1)
Low Output Voltage
VOL
0.15
V
ILOAD = 10 mA (Note 1)
Output Resistance
RO
—10
15
IOUT = 10 mA, VDD = 18 V
Peak Output Current
IPK
—1.2
A
Continuous Output Current
IDC
300
mA
Single Output
500
Total Package
Latch-Up Protection Withstand
Reverse Current
I—
500
mA
4.5 V
≤ VDD ≤ 16 V
Switching Time (Note 1)
Rise Time
tR
15
25
nsec
Figure 4-1
Fall Time
tF
15
25
nsec
Figure 4-1
Delay Time
tD1
40
75
nsec
Figure 4-1
Delay Time
tD2
40
75
nsec
Figure 4-1
Power Supply
Power Supply Current
IS
—1.5
4
mA
Power Supply Voltage
VDD
4.5
18
V
Note 2
Note
1:
Totem pole outputs should not be paralleled because the propagation delay differences from one to the other could cause one driver to
drive high a few nanoseconds before another. The resulting current spike, although short, may decrease the life of the device. Switching
times are ensured by design.
2:
When driving all four outputs simultaneously in the same direction, VDD will be limited to 16 V. This reduces the chance that internal dv/dt
will cause high-power dissipation in the device.
3:
The input threshold has approximately 50 mV of hysteresis centered at approximately 1.5 V. Input rise times should be kept below 5µsec
to avoid high internal peak currents during input transitions. Static input levels should also be maintained above the maximum, or below
the minimum, input levels specified in the "Electrical Characteristics" to avoid increased power dissipation in the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com