Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS132 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS132
Description  QUAD 2-INPUT SCHMITT TRIGGER NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS132 Datasheet(HTML) 3 Page - Motorola, Inc

  74LS132 Datasheet HTML 1Page - Motorola, Inc 74LS132 Datasheet HTML 2Page - Motorola, Inc 74LS132 Datasheet HTML 3Page - Motorola, Inc 74LS132 Datasheet HTML 4Page - Motorola, Inc 74LS132 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-214
FAST AND LS TTL DATA
SN54/74LS132
Figure 3. Threshold Voltage and Hysteresis
versus Power Supply Voltage
Figure 4. Threshold Voltage and Hysteresis
versus Temperature
2
1.6
1.2
0.8
0.4
0
4.5
4.75
5
5.25
5.5
VCC, POWER SUPPLY VOLTAGE (VOLTS)
1.9
1.7
1.5
1.3
1.1
0.9
0.7
- 55°
0° 25°
75°
125°
TA, AMBIENT TEMPERATURE (°C)
TA = 25°C
VT+
VT-
∆VT
VT+
VT-
∆VT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com