Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7248ABR Datasheet(PDF) 7 Page - Analog Devices

Part # AD7248ABR
Description  LC2MOS 12-Bit DACPORTs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7248ABR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7248ABR Datasheet HTML 3Page - Analog Devices AD7248ABR Datasheet HTML 4Page - Analog Devices AD7248ABR Datasheet HTML 5Page - Analog Devices AD7248ABR Datasheet HTML 6Page - Analog Devices AD7248ABR Datasheet HTML 7Page - Analog Devices AD7248ABR Datasheet HTML 8Page - Analog Devices AD7248ABR Datasheet HTML 9Page - Analog Devices AD7248ABR Datasheet HTML 10Page - Analog Devices AD7248ABR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7245A/AD7248A
REV. B
–7–
Typical Performance Characteristics–
TEMPERATURE – C
5
4
0
–55
70
–25
0
3
85
125
6
7
VDD = +15V
IDD (VSS = –15V, VIN = V INL OR V INH)
IDD (VSS = –15V, VIN = 0V OR V DD)
IDD (VSS = 0V,V IN = 0V OR VDD)
ISS (VSS = –15V)
2
1
25
TPC 1. Power Supply Current vs. Temperature
FREQUENCY – Hz
100
50
10
50
2k
100
200
500
1k
20
20k
5k
10k
50k
200
500
VDD = 15V
VSS = 0V
TA = 25 C
OUTPUT WITH
ALL 0s ON DAC
REFERENCE (DECOUPLED*)
REFERENCE (NO DECOUPLING)
*REFERENCE DECOUPLING COMPONENTS AS PER FIGURE 8
TPC 2. Noise Spectral Density vs. Frequency
100
90
10
0%
1mV
1 s
2V
TPC 3. Positive-Going Settling Time
(VDD = +15 V, VSS = –15 V)
TEMPERATURE – C
5.005
5.010
–55
–25
0
25
70
85
125
5.000
4.995
TPC 4. Reference Voltage vs. Temperature
2k
200
10k
FREQUENCY – Hz
60
40
0
50
100
1k
20
20k
100k
80
*POWER SUPPLY DECOUPLING CAPACITORS ARE 10 F AND 0.1 F
OUTPUT WITH ALL
0s ON DAC
OUTPUT WITH ALL
1s ON DAC
VDD = 15V WITH
100mV p-p SIGNAL
DECOUPLING*
NO
DECOUPLING
DECOUPLING
NO DECOUPLING
TPC 5. Power Supply Rejection Ration vs. Frequency
100
90
10
0%
1mV
1 s
2V
TPC 6. Negative Going Settling Time
(VDD = +15 V, VSS = –15 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com