Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFB1224LE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFB1224LE
Description  120 x 120 x 38 MM SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AFB1224LE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFB1224LE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
120 x 120 x 38 MM SERIES
AFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
Bearing Type
Ball Bearing
Material
Impeller & Frame : Plastic (UL 94V-0)
Lead Wires :
UL 1007 AWG #24 Or Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
Weight : 256g (9.03 oz)
s
*
*
*
*
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Input
Power
Rated
Current
Speed
Maximum
Air Pressure
Noise
PART NO.
3
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
M /min
CFM
mmH O
IN H O
dB-A
22
22
UNIT:
(INCH)
mm
(8- 0.177 0.012)
8- 4.5 0.3
(12.992
0.394)
(0.394)
330.0 10.0
10.0
(0.197 0.012)
5.0 0.3
(0.197 0.012)
(1.496 0.020)
38.0 0.5
5.0 0.3
(4.134 0.012)
(4.724 0.020)
120.0 0.5
105.0 0.3
LABEL
(4.134)
(4.606)
117.0
105.0
105.0
117.0
(4.606)
(4.134)
4- 4.5
4- 4.5
(4- 0.177)
(4- 0.177)
AFB1212LE
-R00 / -F00
12
4.0 to 13.2
0.19
2.28
2000
2.400
84.76
4.56
0.180
34.0
AFB1224LE
-R00 / -F00
24
7.0 to 27.6
0.15
3.60
AFB1248LE
-R00 / -F00
48
28.0 to 56.0
0.06
2.88
AFB1212ME
-R00 / -F00
12
4.0 to 13.2
0.26
3.12
2300
2.690
95.00
6.00
0.236
38.0
AFB1224ME
-R00 / -F00
24
7.0 to 27.6
0.19
4.56
AFB1248ME
-R00 / -F00
48
28.0 to 56.0
0.08
3.84
AFB1212HE
-R00 / -F00
12
4.0 to 13.2
0.32
3.84
2600
3.000
105.94
7.60
0.300
41.0
AFB1224HE
-R00 / -F00
24
7.0 to 27.6
0.24
5.76
AFB1248HE
-R00 / -F00
48
28.0 to 56.0
0.12
5.76
AFB1212HHE -R00 / -F00
12
4.0 to 13.2
0.46
5.52
2900
3.400
120.07
9.00
0.354
44.0
AFB1224HHE -R00 / -F00
24
7.0 to 27.6
0.30
7.20
AFB1248HHE -R00 / -F00
48
28.0 to 56.0
0.15
7.20
AFB1212VHE -R00 / -F00
12
4.0 to 13.2
0.60
7.20
3200
3.680
129.96
10.70
0.420
48.0
AFB1224VHE -R00 / -F00
24
7.0 to 27.6
0.38
9.12
AFB1248VHE -R00 / -F00
48
28.0 to 56.0
0.18
8.64
AFB1212SHE -R00 / -F00
12
4.0 to 13.2
1.05
12.60
3700
4.300
151.85
14.50
0.571
53.0
AFB1224SHE -R00 / -F00
24
7.0 to 27.6
0.50
12.00
0.72
0.60
0.48
0.36
0.24
0.12
0
160.0
120.0
80.0
40.0
0
Air Flow
(CFM)
3
(M /MIN)
9.0
0
3.0
6.0
12.0
15.0
18.0
5.0
3.0
4.0
2.0
1.0
0
AFB1212/24/48XE
VH
HH
H
M
L
SH
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
http://www.deltaww.com


Similar Part No. - AFB1224LE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB1224LE DELTA-AFB1224LE Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results

Similar Description - AFB1224LE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
FFB1212EH ETC2-FFB1212EH Datasheet
568Kb / 1P
120 x 120 x 25.4 MM SERIES
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
120 x 120 x 38 MM SERIES
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
92 x 92 x 38 MM SERIES
PFB1224UHE ETC2-PFB1224UHE Datasheet
479Kb / 1P
120 x 120 x 38 MM SERIES
logo
ORION FANS
OA109AP ORIONFANS-OA109AP Datasheet
931Kb / 1P
120 x 38mm
logo
List of Unclassifed Man...
RER120TD ETC2-RER120TD Datasheet
255Kb / 1P
DC centrifugal fans Series RER 120 TD 횠 120 x 54 mm
logo
Delta Electronics, Inc.
QFR DELTA-QFR Datasheet
256Kb / 1P
QFR 120 x 120 x 38 MM SERIES
PFR1212DHE DELTA-PFR1212DHE Datasheet
301Kb / 1P
PFR 120 x 120 x 38 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com