Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECW0.2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECW0.2
Description  Copper Enamelled Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECW0.2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECW0.2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
24/01/13
Copper Enamelled Wire
Description
Diameter
(mm)
Tolerance
(mm)
On Conductor
Enamel Coat
(mm)
Resistance
Ω/m @ 20°C
Part Number
Min.
Increase
in Dia.
Max.
O.D.
Min.
Nom.
Max.
Wire, Copper Enamelled, 35SWG
0.2
± 0.003
0.027
0.0239 0.5237
0.5441
0.5657
ECW0.2
Wire, Copper Enamelled, 34SWG
0.224
0.029
0.0266 0.4188
0.4338
0.4495
ECW0.224
Wire, Copper Enamelled, 33SWG
0.25
± 0.004
0.032
0.0297 0.3345
0.3482
0.3628
ECW0.25
Wire, Copper Enamelled, 30SWG
0.315
0.035
0.367
0.2121
0.2193
0.227
ECW0.315
Wire, Copper Enamelled, 27SWG
0.4
± 0.005
0.04
0.459
0.1316
0.136
0.1407
ECW0.4
Wire, Copper Enamelled, 25SWG
0.5
0.045
0.566 0.08462 0.08706 0.08959
ECW0.5
Wire, Copper Enamelled, 24SWG
0.56
± 0.006
0.047
0.63
0.06736 0.0694
0.07153
ECW0.56
Wire, Copper Enamelled, 22SWG
0.71
± 0.007
0.053
0.789 0.04198 0.04318 0.04442
ECW0.71
Wire, Copper Enamelled, 21SWG
0.8
± 0.008
0.056
0.884 0.03305 0.03401
0.035
ECW0.80
Wire, Copper Enamelled, 19SWG
1
0.063
1.094 0.02116 0.02176
0.0224
ECW1.0
Wire, Copper Enamelled, 18SWG
1.25
± 0.013
0.067
1.349 0.01353 0.01393 0.01435
ECW1.25
Wire, Copper Enamelled, 16SWG
1.5
± 0.015
0.071
1.606
0.0094 0.00967 0.00995
ECW1.5
Part Number Table
Description:
Soft Grade 2 Enamelled Copper Wire to BS EN 60317/20.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - ECW0.2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
ECW0.2 MULTICOMP-ECW0.2 Datasheet
246Kb / 3P
Enamelled Copper Wire
17/10/23 V1.2
ECW0.224 MULTICOMP-ECW0.224 Datasheet
246Kb / 3P
Enamelled Copper Wire
17/10/23 V1.2
ECW0.25 MULTICOMP-ECW0.25 Datasheet
246Kb / 3P
Enamelled Copper Wire
17/10/23 V1.2
More results

Similar Description - ECW0.2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
W20 WELWYN-W20 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W209001FA IRCTT-W209001FA Datasheet
203Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W23-10KJI ETC1-W23-10KJI Datasheet
379Kb / 3P
Vitreous Enamelled Wirewound Resistors
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
W22-100RJI ETC2-W22-100RJI Datasheet
559Kb / 3P
Vitreous Enamelled Vitreous Enamelled
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com