Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS353-C Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS353-C
Description  350 Watts LPS350 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS353-C Datasheet(HTML) 2 Page - Astec America, Inc

  LPS353-C Datasheet HTML 1Page - Astec America, Inc LPS353-C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
129
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Peak
Regulation2 Ripple
Number
Voltage
Load
30 CFM Forced Air
Load1
P/P (PARD)3
LPS352-C
5 V (3-6 V)
0 A
70 A
80 A
±2%
50 mV
LPS353-C
12 V (6-12 V)
0 A
29.2 A
33 A
±2%
120 mV
LPS354-C
15 V (12-24 V)
0 A
23.3 A
26 A
±2%
150 mV
LPS355-C
24 V ( 24-48 V)
0 A
14.6 A
16 A
±2%
240 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through the length of the power
supply. Not convection rated.
5. Output voltage adjustment requires a 1A load.
6. Remote inhibit resets OVP latch.
Note: -CF suffix added to the model number indicates cover with yop fan;
-CEF suffix added to model number indicates end-mounted fan chassis.
5.0 (127.0)
2.5
(63.5)
1.18 (30.0)
3.5
(88.9)
Optional
(-CEF)
Cover
with fans
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
SK1
3 2 1
SK6 Fan
+ve -ve
Terminal
Block TB1
SK5 Fan
#6-32 UNC (8 places)
5.46
(138.6)
8.52
(216.4)
M3 (4 places)
3.68
(93.6)
3.15
(80)
2.17
(55)
.55
(14)
1.30
(33.0)
(-CF)
Cover
with fan
10.78
(273.8)
J1
.24 (6.1)
6-32 (2 places)
Main Output
SK3
1234 5 678910
SK4 (5V aux)
6-32 (3 places)
M3 (6 places)
Connector
SK1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
SK3
PIN 1
N/C
PIN 2
N/C
PIN 3
+ Sense
PIN 4
– Sense
PIN 5
POK
PIN 6C.Share
PIN 7
DC-OK
PIN 8
Inhibit (N.O.)
PIN 9
Inhibit (N.C.)
PIN 10
COM
SK4
PIN 1
+ 5V aux (5V @ 100mA)
PIN 2
– Common
SK5
PIN 1
+Fan 1 (12 V @ 150mA)
PIN 2
– Common
SK6
PIN 1
+ Fan 2 (12V @ 150mA)
PIN 2
– Common
Mating Connectors
SK3
Molex 22-01-1104
PINS:08-70-0057
SK4
Molex 22-01-3027
PINS: 08-50-0114
SK5
Molex 22-01-3027
PINS: 08-50-0114
SK6
Molex 22-01-3027
PINS: 08-50-0114
Astec Connector Kit #70-841-011
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Specifications are at factory settings
4. To enable normally closed Remote Inhibit, cut jumper J1.
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 1 year
7. Weight: 3.6 lb. / 1.64 kg.
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com