| Electronic Components Datasheet Search |
|
SN54LS155 Datasheet(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
SN54LS155 Datasheet(HTML) 2 Page - Motorola, Inc |
|
2 / 6 page ![]() 5-263 FAST AND LS TTL DATA SN54/74LS155 • SN54/74LS156 LOGIC DIAGRAM Ea Ea A0 A1 EbEb O0a O1a O2a O3a O0b O1b O2b O3b 14 1 2 6 7 3 4 5 9 11 12 10 13 15 VCC = PIN 16 GND = PIN 8 = PIN NUMBERS FUNCTIONAL DESCRIPTION The LS155 and LS156 are Dual 1-of-4 Decoder/Demulti- plexers with common Address inputs and separate gated Enable inputs. When enabled, each decoder section accepts the binary weighted Address inputs (A0, A1) and provides four mutually exclusive active LOW outputs (O0–O3). If the Enable requirements of each decoder are not met, all outputs of that decoder are HIGH. Each decoder section has a 2-input enable gate. The enable gate for Decoder “a” requires one active HIGH input and one active LOW input (Ea•Ea). In demultiplexing applica- tions, Decoder “a” can accept either true or complemented data by using the Ea or Ea inputs respectively. The enable gate for Decoder “b” requires two active LOW inputs (Eb•Eb). The LS155 or LS156 can be used as a 1-of-8 Decoder/Demulti- plexer by tying Ea to Eb and relabeling the common connection as (A2). The other Eb and Ea are connected together to form the common enable. The LS155 and LS156 can be used to generate all four minterms of two variables. These four minterms are useful in some applications replacing multiple gate functions as shown in Fig. a. The LS156 has the further advantage of being able to AND the minterm functions by tying outputs together. Any number of terms can be wired-AND as shown below. f = (E + A0 + A1) ⋅ (E + A0 + A1) ⋅ (E + A0 + A1) ⋅ (E + A0 + A1) where E = Ea + Ea; E = Eb + Eb Figure a E A0 A1 E A0 A1 E A0 A1 E A0 A1 O0 O1 O2 O3 E A0 A1 E A0 A1 E A0 A1 E A0 A1 O0 O1 O2 O3 TRUTH TABLE ADDRESS ENABLE “a” OUTPUT “a” ENABLE “b” OUTPUT “b” A0 A1 Ea Ea O0 O1 O2 O3 Eb Eb O0 O1 O2 O3 X X L X H H H H H X H H H H X X X H H H H H X H H H H H L L H L L H H H L L L H H H H L H L H L H H L L H L H H L H H L H H L H L L H H L H H H H L H H H L L L H H H L H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |