Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS830E Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS830E
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS830E Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS830E Datasheet HTML 1Page - Burr-Brown (TI) ADS830E Datasheet HTML 2Page - Burr-Brown (TI) ADS830E Datasheet HTML 3Page - Burr-Brown (TI) ADS830E Datasheet HTML 4Page - Burr-Brown (TI) ADS830E Datasheet HTML 5Page - Burr-Brown (TI) ADS830E Datasheet HTML 6Page - Burr-Brown (TI) ADS830E Datasheet HTML 7Page - Burr-Brown (TI) ADS830E Datasheet HTML 8Page - Burr-Brown (TI) ADS830E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
ADS830
SPECIFICATIONS
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, and external reference, unless otherwise noted.
ADS830E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
8 Guaranteed
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
°C
ANALOG INPUT
Standard Single-Ended Input Range
2Vp-p
1.5
3.5
V
Optional Single-Ended Input Range
1Vp-p
2
3
V
Common-Mode Voltage
2.5
V
Optional Differential Input Range
2Vp-p
2
3
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
Track-Mode Input Bandwidth
–3dBFS
300
MHz
CONVERSION CHARACTERISTICS
Sample Rate
10k
60M
Samples/s
Data Latency
4
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 1MHz
±0.1
±1.0
LSB
f = 10MHz
±0.2
LSB
No Missing Codes
Guaranteed
Integral Nonlinearity Error, f = 1MHz
±0.3
±1.5
LSBs
Spurious Free Dynamic Range(1)
f = 1MHz (–1dB input)
67
dBFS(2)
f = 10MHz (–1dB input)
54
65
dBFS
Two-Tone Intermodulation Distortion(3)
f = 9.5MHz and 9.9MHz (–7dB each tone)
–60
dBc
Signal-to-Noise Ratio (SNR)
Referred to Full Scale
f = 1MHz
49.5
dB
f = 10MHz
47
49.5
dB
Signal-to-(Noise + Distortion) (SINAD)
Referred to Full Scale
f = 1MHz
48
dB
f = 10MHz
45
48
dB
Effective Number of Bits(4), f = 1MHz
7.7
Bits
Differential Gain Error
NTSC, PAL
0.2
%
Differential Phase Error
NTSC, PAL
0.2
degrees
Output Noise
Input Tied to Common-Mode
0.2
LSBs rms
Aperture Delay Time
3ns
Aperture Jitter
1.2
ps rms
Overvoltage Recovery Time
2ns
Full-Scale Step Acquisition Time
2.5
ns
DIGITAL INPUTS
Logic Family
Convert Command
Start Conversion
High Level Input Current(5) (VIN = 5V)
100
µA
Low Level Input Current (VIN = 0V)
10
µA
High Level Input Voltage
+2.4
V
Low Level Input Voltage
+1.0
V
Input Capacitance
5pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA)
VDRV = 5V
+0.1
V
Low Output Voltage, (IOL = 1.6mA)
+0.2
V
High Output Voltage, (IOH = 50µA)
+4.9
V
High Output Voltage, (IOH = 0.5mA)
+4.8
V
Low Output Voltage, (IOL = 50µA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA)
+2.8
V
Output Capacitance
5pF
ACCURACY (External Reference, 2Vp-p, Unless Otherwise Noted)
Zero Error (Referred to –FS)
at 25
°C
–2.5
±0.25
+2.5
%FS
Zero Error Drift (Referred to –FS)
±53
ppm/
°C
Gain Error(6)
at 25
°C
–2.5
±0.3
+2.5
%FS
Gain Error Drift(6)
±75
ppm/
°C
Power Supply Rejection of Gain
∆ V
S = ±5%
58
dB
Internal REFT Tolerance
Deviation from Ideal 3.0V
±10
±100
mV
Internal REFB Tolerance
Deviation from Ideal 2.0V
±10
±100
mV
External REFT Voltage Range
REFB + 0.8
3.0
VS – 1.25
V
External REFB Voltage Range
1.25
2.0
REFT – 0.8
V
Reference Input Resistance
REFT to REFB
800
k
Ω
CMOS/TTL Compatible
Rising Edge of Convert Clock
CMOS/TTL Compatible
Straight Offset Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com