Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWD2254 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWD2254
Description  SP4T RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWD2254 Datasheet(HTML) 1 Page - API Technologies Corp

  TWD2254 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SP4T RF SWITCH
MODEL
TWD2254
Features
5 - 2000 MHz
Fast Switching Speed: 15 ns Typical (GaAs)
Integral TTL Driver
Absorptive
Screening to the tables of MIL-STD-883Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage .................................................................. +7.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
DC Bias
Vdc
+5V
+5 Max.
mA
0.5
1.0 Max.
VSWR
1.5:1
2.3:1 Max.
Switching Speed (ns)
Frequency
5 - 2000 MHz
5 - 2000 MHz
1dB Compression (dBm)
50 MHz
+21
500 - 2000 MHz
+27
Isolation (dB)
50
35 Min.
Insertion Loss (dB)
1.2
1.9 Max.
Intercept Points (dBm)
IP2
IP3
50 MHz
+62
+40
500 - 2000 MHz
+68
+46
Rev.
10/25/10
15
Also Available In: DP-10, 16 Pin DIP Package
and Connectorized Housings
Transients
80
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWD2254

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2254 SPECTRUM-TWD2254 Datasheet
80Kb / 1P
SP4T RF SWITCH
More results

Similar Description - TWD2254

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
TWP2262 SPECTRUM-TWP2262 Datasheet
63Kb / 1P
SP4T RF SWITCH
logo
API Technologies Corp
TWP2264 APITECH-TWP2264 Datasheet
195Kb / 1P
SP4T RF SWITCH MODEL
TWP2261 APITECH-TWP2261 Datasheet
194Kb / 1P
SP4T RF SWITCH MODEL
TWP2262 APITECH-TWP2262 Datasheet
196Kb / 1P
SP4T RF SWITCH MODEL
TWH7425 APITECH-TWH7425 Datasheet
191Kb / 1P
SP4T RF SWITCH MODEL
TWD6018 APITECH-TWD6018 Datasheet
213Kb / 1P
SP4T RF SWITCH MODEL
TWD2301 APITECH-TWD2301 Datasheet
207Kb / 1P
SP4T RF SWITCH MODEL
logo
Mini-Circuits
JSW4-272DR MINI-JSW4-272DR Datasheet
390Kb / 7P
SP4T RF Switch
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com