Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3115PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3115PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3115PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM3115PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 1400 MHz
10 - 1400 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +40 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +35 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +30 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+15 volts
+15 volts
mA
195 mA
210 mA Max.
RF AMPLIFIER
MODEL
TM3115PM
Features
n
n
n
n
n Low Phase Noise Bipolar Design
n
n
n
n
n High Output Power: 27 dBm Typical
n
n
n
n
n Operating Temp. -55 ºC to +85 ºC
n
n
n
n
n Environmental Screening Available
Note: Care should always be taken to effectively ground the case of each unit.
VSWR
In
1.8:1
2.2:1 Max.
Out
1.8:1
2.0:1 Max.
Reverse
Isolation (dB)
-17 dB
-
Gain
13.0 dB
11.5 dB Min.
Specifications
Typical Performance Data
Absolute (No Damage) Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +15 dBm
Short Term RF Input Power ..... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.1 Watt (3
µsec Max.)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee
-145
-155
-170
-170
-153
-167
-170
-175
-175
-165
Guaranteed Phase Noise Performance (dBc/Hz)
Revision 9-3-2013
10 Hz
-135
-143
Available as:
TM3115PM, 4 Pin TO-8 (T4)
TN3115PM, 4 Pin .450” sq. Surface Mount (SM3)
BXF3115PM, SMA Connectorized Housing (H1)
(1000-1200 MHz)
24 dBm
22 dBm Min.
(1200-1400 MHz)
22 dBm
20 dBm Min.
Noise Figure (dB)
8.0 dB
10.0 dB Max.
Power @ 1 dB Comp.
(10-1000 MHz)
27 dBm
25 dBm Min.
(Measured in a 50 Ohm system @ +15 Volts DC nominal unless otherwise noted)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
2.0
1.5
1.0
2.0
1.5
1.0
2
11
+28
+26
+24
+22
+20
0
-10
-20
-30
-40
14
15
13
12
Start 10 MHz
Stop 1400 MHz
10
8
6
4
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
Input VSWR
Output VSWR
1 dB Comp. (dBm)
*
100
10k
1k
100k
-140
-160
-170
-180
-190
-130
_______Guarantee __ __ __ Typical
-150
Residual Phase Noise Test Conditions:
Carrier Frequency: 1280 MHz
Power Output: +24.0 dBm
Temperature: 25 ºC
Agilent ES5500 System
1 M
10
Phase Noise (dBc/Hz)
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
Start 10 MHz
Stop 1400 MHz
Stop 1400 MHz
Stop 1400 MHz
Stop 1400 MHz
Stop 1400 MHz


Similar Part No. - TM3115PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM3115 APITECH-TM3115 Datasheet
63Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM3115PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com