Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3102PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3102PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3102PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM3102PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power
Vdc
+15
+15 Min.
mA
110
115 Max.
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point....... +45 dBm (Typ.)
Second Order Two Tone Intercept Point........ +40 dBm (Typ.)
Third Order Two Tone Intercept Point............ +30 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL TM3102PM
Available as:
TM3102PM, 4 Pin TO-8 (T4)
TN3102PM, 4 Pin .450” Sq. Surface Mount (SM3)
BX3102PM, SMA Connectorized Housing (H1)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
1200 - 1700 MHz
1200 - 1700 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
2
3.0 Max.
VSWR
In
1.75:1
2.2:1 Max.
Out
1.75:1
2.2:1 Max.
Reverse
Isolation (dB)
-37
-33 Max.
Power @ 1 dB
Comp. (dBm)
+20
+19 Min.
Gain (dB)
30
28.5 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power.....................0.5 Watt (3
µsec Max.)
Rev.
5/11/11
Features
High Gain: 30 dB Typical
Low Noise Figure: 2 dB Typical
Operating Temp. -55 ºC to + 85 ºC
Screening to the Tables of MIL-STD-883 Available
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com
Guaranteed @ 25 ºC (1333 MHz) Phase Noise Performance (dBc/Hz)
*
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
-160
-160
-155
-148
-140
-155
-155
-135
-143
-145
Guaranteed
*Note: Phase Noise Performance typically tested at midband.
Bandedge performance may vary.
Frequency
10 Hz
-130
-125


Similar Part No. - TM3102PM

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3102 SPECTRUM-TM3102 Datasheet
67Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM3102 APITECH-TM3102 Datasheet
68Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM3102PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com