Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN95029 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MN95029
Description  375 MHz Delay Line 2.25 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN95029 Datasheet(HTML) 2 Page - API Technologies Corp

  MN95029 Datasheet HTML 1Page - API Technologies Corp MN95029 Datasheet HTML 2Page - API Technologies Corp MN95029 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
375 MHz Delay Line
2.25 MHz Bandwidth
Part Number MN95029
IDT •••• SAW Products •••• 324 Clark Street, Worcester, MA 01606, USA •••• Ph 1-508-852-5400 •••• Fax 1-508-852-8456
www.idt.com
DSMN95029
Rev -
21-Oct-2008
ECN 36187 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc, at 10dB points)
2,3
374.90
375
375.10
MHz
Insertion Loss
-
10.7
12
dB
3 dB Bandwidth
2.15
2.35
-
MHz
10 dB Bandwidth
-
4.06
4.4
MHz
Phase Linearity (373.9-376.1 MHz)
2
-
3
10
deg p-p
Phase Slope (in 3 dB BW)
-
-0.16
-
deg/kHz
Group Delay Ripple (373.9-376.1 MHz)
2
-
25
80
nsec p-p
Insertion Phase
1, 2
-
0
-
deg
Device Delay
-
430
-
ns
Turn Over Temperature (Tc)
-
53
-
° C
Source and Load Impedance
-
50
-
Ω
Ambient Temperature
-
23
-
° C
Notes:
1. Measured at 375 MHz in a tuned reference test fixture.
2. Specifications apply at an ambient temperature of 23C +/- 5C.
3. Frequency versus temperature will be according to the following: dFc/Fc = -0.032 ppm * (T-Tc)
2
where (dFc/Fc) = Change in center frequency (in ppm) and T = temperature (in degrees C).
Tc = the turnover temperature.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
125
˚C
Operating Temperature Range
-30
100
˚C
Input Power Level
-
+13
dBm
MATCHING CIRCUIT
Typical component values:
Notes:
1. Recommend use of 2% tolerance matching components. Typical inductor Q=40.
2. Component values are for reference only and may change depending on board layout.
Ls1
=
64.2
nH
Ls2
=
56
nH
Cp1
=
18
pF
Cp2
=
18
pF
12
6
All others
Input
50 Ω
Single-ended
Output
50 Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com