Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN95016 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MN95016
Description  1090 MHz SAW Filter 12 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN95016 Datasheet(HTML) 1 Page - API Technologies Corp

  MN95016 Datasheet HTML 1Page - API Technologies Corp MN95016 Datasheet HTML 2Page - API Technologies Corp MN95016 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1090 MHz SAW Filter
12 MHz Bandwidth
Part Number: MN95016
IDT
•••• SAW Products •••• 324 Clark Street, Worcester, MA 01606, USA •••• Ph 1-508-852-5400 •••• Fax 1-508-852-8456
www.idt.com
DSMN95016 Rev -
11-Sep-2009
ECN 36541 Page 1 of 3
DESCRIPTION
•
1090 MHz SAW bandpass filter with 12 MHz bandwidth.
•
3 x 3 mm LCC package.
•
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal:
Frequency :
20
MHz/div
Relative Magnitude :
10
dB/div
Relative magnitude :
1
dB/div
Group Delay Variation :
25
ns/div
S11 (990 – 1190 MHz)
S22 (990 – 1190 MHz)


Similar Part No. - MN95016

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
1030 MHz SAW Filter 12 MHz Bandwidth
More results

Similar Description - MN95016

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
SAW Filter 1090 MHz
logo
API Technologies Corp
SF0140BA03115S APITECH-SF0140BA03115S Datasheet
156Kb / 3P
140 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF00480BA02643S SPECTRUM-SF00480BA02643S Datasheet
170Kb / 3P
480 MHz SAW Filter 12 MHz Bandwidth
SF0864BA02510S SPECTRUM-SF0864BA02510S Datasheet
149Kb / 3P
864 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
1090 MHz SAW Filter
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
1090 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
SAW Filter 1090 MHz
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
SAW Filter 1090 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com