Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMJ9911 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TMJ9911
Description  ANALOG LEVEL DETECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TMJ9911 Datasheet(HTML) 1 Page - API Technologies Corp

  TMJ9911 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANALOG LEVEL
DETECTOR TMJ9911
Features
! -120 mV Output for -10 dBm Input Power
! ±1.0 dB Flatness
! Operating Temp. 0 ºC to +50 ºC
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
* I
D
= 50
µA, R = 10 kOhm
^ P
IN
= -10 dBm (RF Input)
Specifications
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ................................. -62ºC to +150 ºC
Bias Current (Diode) ................................................... 1 mA
Continuous RF Input Power .................................. +17 dBm
Short Term RF Input Power ........... 100 mW (1 Minute Max.)
Legend
+ 25 ºC
+ 50 ºC - - - - - - 0 ºC
Typical Performance Data
Available as:
TMJ9911, 5 Pin TO-8 (T5)
TNJ9911, 4 Pin Sq. Surface Mount (SM3)
BXJ9911, SMA Connectorized Housing (H6)
4/08/04
10
100
1000
+10
-20
-10
+5
-5
0
2.0
1.5
1.0
Start 10 MHz
Stop 2000 MHz
500 MHz
Output Voltage vs Input Power @ 500 MHz (mV)
Input Power (dBm)
VSWR
-150
Start 10 MHz
Stop 2000 MHz
Output Voltage @ -10 dBm Input Power
-140
-130
-120
-110
-100
R = 10kOhm
L
I = 50
µA
D
P = -10 dBm
D
I
= 50
µA
D
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +50 ºC
Detected Voltage (mV)
f = 500 MHz *^
-120
-90 Min.
Flatness (referred to Input)(dB)
f = 10 - 1000 MHz *^
±0.7
±1.5 Max.
Variation over Temperature (dB)
(referred to input) f=500 MHz*^
±1
Tangential Sensitivity(TSS)(dBm)
f= 500 MHz, BW
VID = 1 MHz*
-32
-30 Max.
Input VSWR, 50 Ohm
f = 10 - 500 MHz
1.5:1
1.5:1 Max.
Output Offset Voltage (mV)
I
D = IREF = 50 µA, no RF Drive
±10
±15.0 Max.
Differential Voltage Tracking(mV)
±5
Output Capacitance (pf)
1000
1300 Max.
Power
Vdc
+15
+15 Min.
mA
16
20 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TMJ9911

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TMJ9911 SPECTRUM-TMJ9911 Datasheet
220Kb / 1P
RF Limiting Amplifier
More results

Similar Description - TMJ9911

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1507 NTE-NTE1507 Datasheet
23Kb / 3P
Integrated Circuit 10-Step Adjustable Analog Level Detector
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
logo
DAICO Industries, Inc.
DAD02006 DAICO-DAD02006 Datasheet
117Kb / 1P
Analog Level Detector
logo
Texas Instruments
TL489C TI-TL489C Datasheet
205Kb / 4P
5-STEP ANALOG LEVEL DETECTOR
logo
Spectrum Microwave, Inc...
LNJ9901 SPECTRUM-LNJ9901 Datasheet
174Kb / 1P
Analog Level Detector
TMJ9910 SPECTRUM-TMJ9910 Datasheet
232Kb / 1P
Analog Level Detector
logo
API Technologies Corp
TMJ9910 APITECH-TMJ9910 Datasheet
51Kb / 1P
ANALOG LEVEL DETECTOR
LNJ9901 APITECH-LNJ9901 Datasheet
40Kb / 1P
ANALOG LEVEL DETECTOR
logo
Teledyne Technologies I...
PSD200125 TELEDYNE-PSD200125 Datasheet
116Kb / 4P
Surface Mount Analog Level Detector
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com