Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1018SP Datasheet(PDF) 7 Page - LDT Co., Ltd

Part # LD1018SP
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SP Datasheet(HTML) 7 Page - LDT Co., Ltd

Back Button LD1018SP Datasheet HTML 3Page - LDT Co., Ltd LD1018SP Datasheet HTML 4Page - LDT Co., Ltd LD1018SP Datasheet HTML 5Page - LDT Co., Ltd LD1018SP Datasheet HTML 6Page - LDT Co., Ltd LD1018SP Datasheet HTML 7Page - LDT Co., Ltd LD1018SP Datasheet HTML 8Page - LDT Co., Ltd LD1018SP Datasheet HTML 9Page - LDT Co., Ltd LD1018SP Datasheet HTML 10Page - LDT Co., Ltd LD1018SP Datasheet HTML 11Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Ver2.0
7
LD1018
16 Channel Constant Current Driver
DC CHARACTERISTICS (5.0V)
%
±0.2
VDS Within
1.0V and 3.0V
%/dVDS
Output Current vs.
Output Voltage Regulation
mA
2
1
REXT = OPEN
IDD(off)1
mA
5.4
3
REXT = 1.0 ㏀
IOUTn = 20mA
IDD(off)2
mA
5.4
3
REXT = 1.0 ㏀
IOUTn = 20mA
IDD(on)1
mA
8
6
REXT = 0.5 ㏀
IOUT = 40mA
IDD(on)2
㏀
400
200
100
RUP
Pull Up Resistor
REXT = 0.5 ㏀
IOUT = 40mA
mA
20
REXT = 1.0 ㏀
IOL1
Output Current1
Pint to Pin
%
±1.5
REXT = 1.0 ㏀
IOUT = 20mA
ㅿI
OL1
%
±1.5
REXT = 0.5 ㏀
IOUT = 40mA
ㅿI
OL2
V
1.0VDD
-
0.8VDD
VIH
‘H” Level
Input
Voltage
0.2VDD
-
GND
VIL
‘L” Level
V
0.2VDD
-
GND
VOL
DOUT
‘L” Level
Output
Voltage
VDD
-
0.8VDD
VOH
1.0
IOL
VDD Within
4.5V and 5.5V
REXT = 0.5 ㏀
-
5.5
VOUT
Output Voltage
%
6.0
%/dVDD
Output Current vs.
Supply Voltage Regulation
㏀
400
200
100
RDOWN
Pull Down Resistor
V
5.5
5.0
3.0
VDD
Supply Voltage
mA
45
3
IOUT
OUTn
Output
Current
-1.0
IOH
DOUT
mA
40
IOL2
Output Current2
Pin to Pin
mA
8
6
IDD(off)3
Supply Current
Unit
Max.
Typ.
Min.
Condition
Symbol
Characteristics
(Ta = 25 ℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com