Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1072 Datasheet(PDF) 21 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 21 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 17Page - LDT Co., Ltd LD1072 Datasheet HTML 18Page - LDT Co., Ltd LD1072 Datasheet HTML 19Page - LDT Co., Ltd LD1072 Datasheet HTML 20Page - LDT Co., Ltd LD1072 Datasheet HTML 21Page - LDT Co., Ltd LD1072 Datasheet HTML 22Page - LDT Co., Ltd LD1072 Datasheet HTML 23Page - LDT Co., Ltd LD1072 Datasheet HTML 24Page - LDT Co., Ltd LD1072 Datasheet HTML 25Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Ver1.0
20
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
The LD1072 has a serial interface, which can be connected to microcontrollers or digital
signal processors. Only 3 pins are needed to input data into the device. The rising edge of CLK signal
shifts the data from the DIN pin to the internal register. After all data is clocked in, a high-level pulse of
ST signal latches the serial data to the internal registers. The internal registers are level-triggered
latches of ST signal. All data are clocked in with the MSB first. The length of serial data is 96 bit or 192
bit, depending on the programming mode. PWM data and dot correction data can be entered during a
PWM cycle. Although new PWM data can be clocked in during a PWM cycle, the ST signal should only
latch the PWM data at the end of the PWM cycle. Latching in new PWM data immediately overwrites
the existing PWM data. Figure 14 shows the timing chart. More than two LD1072s can be connected
in series by connecting an DO pin from one device to the DIN pin of the next device. An example of
cascading two LD1072s is shown in Figure 14. The DO pin can also be connected to the controller to
receive status information from LD1072 as shown in Figure 29.
PRINCIPLES OF OPERATION
Figure 14. Serial Data Input Timing Chart
DC Data Input Mode
PWM Data Input Mode
MOD
ST
t
h
3
t
su3
t
wh2
DIN
DC
MSB
DC
LSB
PW
M1
MSB
PWM1
LSB
PWM2
MSB
PWM2
LSB
PWM3
MSB
1st PWM Data Input Cycle
2nd PWM Data Input Cycle
1
96
h
2
t
su2
t
su1
t
h1
1
192
193
1
t
wh0
192
t
su0
t
h
0
193
1
CLK
DC
MSB
PWM1
MSB
SID
1
MSB
SID1
MSB-1
SID
1
LSB
PWM2
MSB
SID2
MSB-
1
SID
2
MSB
DO
t
wl
0
t
pd0
OEB
1st PWM Data Output Cycle
2nd PWM Data Output
Cycle
t
su5
t
wh3
t
h
4
t
su4
t
wh1
4096
PWMC
K
t
pd4
t
pd1
OUT0
(current
)
t
pd3
t
pd3
T
PWM
clk
t
wl1
t
pd1+ td
t
pd1+ 15 x td
t
d
T
pd3+ td
15 x t
d
OUT1
(current
)
OUT15
(current
)
t
pd2
ERR
t
outon
SERIAL INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com