Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1510SP Datasheet(PDF) 21 Page - LDT Co., Ltd

Part # LD1510SP
Description  3Channel Output LED Driver with 12 bit PWM Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1510SP Datasheet(HTML) 21 Page - LDT Co., Ltd

Back Button LD1510SP Datasheet HTML 17Page - LDT Co., Ltd LD1510SP Datasheet HTML 18Page - LDT Co., Ltd LD1510SP Datasheet HTML 19Page - LDT Co., Ltd LD1510SP Datasheet HTML 20Page - LDT Co., Ltd LD1510SP Datasheet HTML 21Page - LDT Co., Ltd LD1510SP Datasheet HTML 22Page - LDT Co., Ltd LD1510SP Datasheet HTML 23Page - LDT Co., Ltd LD1510SP Datasheet HTML 24Page - LDT Co., Ltd LD1510SP Datasheet HTML 25Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Ver3.0
21
LD1510
3Channel Output LED Driver with 12 bit PWM Controller
DI
CLKI
LD1510
ROUT
RREX
VDD
System
Controller
VDD
VLED
GOUT BOUT
VCC
GREX BREX
GND
C
MOD
DO
CLKO
CASE3- 8bit Luminance Data and VLED = 7 ~ 18V
DI
CLKI
LD1510
ROUT
RREX
VDD
GOUT BOUT
VCC
GREX BREX
GND
C
MOD
DO
CLKO
DI
CLKI
LD1510
ROUT
RREX
VDD
VDD
VLED
GOUT BOUT
VCC
GREX BREX
GND MOD
DO
CLKO
CASE4- 8bit Luminance Data and VLED = 4 ~ 6V
DI
CLKI
LD1510
ROUT
RREX
VDD
GOUT BOUT
VCC
GREX BREX
GND MOD
DO
CLKO
System
Controller
OSC
OSC
OSC
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com