Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFD7409-6 Datasheet(PDF) 2 Page - API Technologies Corp

Part # FDFD7409-6
Description  Electronic Counter Measurers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FDFD7409-6 Datasheet(HTML) 2 Page - API Technologies Corp

  FDFD7409-6 Datasheet HTML 1Page - API Technologies Corp FDFD7409-6 Datasheet HTML 2Page - API Technologies Corp FDFD7409-6 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Instantaneous Frequency Measurement
apitech.com • 888.553.7531 • spectrummicrowave.com
FDFD7409-6
Rev 4.10.12
Specifications Highlights:
Frequency Range (GHz)
2 to 18 GHz
Number of Bits
14
RMS Frequency Accuracy
2 MHz at 6 dB SN
3 MHz at 0 dB SN (99% Valid Rate)
Frequency Resolution
1 MHz
Dynamic Range
-10 to +10 dBm
VSWR, max
2:1
Pulse Width
50 ns to CW
Data Format
TTL
Trigger Format
TTL, 250 nS Throughput Time
Erroneous Data Detection (optional)
85% Probability of Detection of Frequency Error
Power
+5V to +5.2V @ 800 mA
+12V to +15V @ 800 mA
-8V to -15V @ 100 mA (internally regulated)
Size
6.5” L x 5.5” W x 1.2” H
Weight
2.75 pounds maximum
RF Connector
SMA Female
Data Connector
51 socket - MDM51S (with jackposts)
Temperature Range
-40°C to +85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com