Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPMP1008 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FPMP1008
Description  Medium Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FPMP1008 Datasheet(HTML) 1 Page - API Technologies Corp

  FPMP1008 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF AMPLIFIER
MODEL
FPMP1008
Features
! High Power Output: Greater Than 2 Watts
! High Third Order Intercept: +43 dBm Typical
! High IP2: +63 dBm Typical
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Legend
+ 25 ºC
+ 60ºC - - - - - - 0 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +66 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +63 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +43 dBm (Typ.)
Medium Power Amplifier
Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 150 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 18 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.2 Watt (3
µsec Max.)
Available as: BXMP1008, SMA Connectorized Housing
FPMP1008, 16 Pin Flatpack Package (FP14)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +60 ºC
Frequency (MHz)
50 - 250 MHz
50 - 250 MHz
Gain (dB)
17
16 Min.
Power @ 1 dB
Comp. (dBm)
33.5
33 Min.
Reverse
Isolation (dB)
-20
-19 Max.
VSWR
In
1.8:1
2:0:1 Max.
Out
1.8:1
2:0:1 Max.
Noise Figure (dB)
5.6
6.0 Max.
Power
Vdc
+15
+15
mA
600
630 Max.
04/19/06
2.0
1.5
1.0
2.0
1.5
1.0
19
15
35
34
33
32
31
0
-10
- 20
- 30
- 40
16
18
Start 50 MHz
Stop 250 MHz
Start 50 MHz
Stop 250 MHz
Start 50 MHz
Stop 250 MHz
Start 50 MHz
Stop 250 MHz
Start 50 MHz
Stop 250 MHz
Start 50 MHz
Stop 250 MHz
8
6
7
5
4
17
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - FPMP1008

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPM SHIELD-FPM Datasheet
277Kb / 2P
MAGNETIC SWITCHES
logo
Bourns Electronic Solut...
FPM BOURNS-FPM Datasheet
871Kb / 6P
Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
01/26
logo
Advantech Co., Ltd.
FPM ADVANTECH-FPM Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
logo
Fujikura Ltd.
FPM-02PG FUJIKURA-FPM-02PG Datasheet
265Kb / 4P
Dual-in-line package (DIP)
FPM-02PGR FUJIKURA-FPM-02PGR Datasheet
265Kb / 4P
Dual-in-line package (DIP)
More results

Similar Description - FPMP1008

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com