Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC104AP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC104AP
Description  Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC104AP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  MPC104AP Datasheet HTML 1Page - Burr-Brown (TI) MPC104AP Datasheet HTML 2Page - Burr-Brown (TI) MPC104AP Datasheet HTML 3Page - Burr-Brown (TI) MPC104AP Datasheet HTML 4Page - Burr-Brown (TI) MPC104AP Datasheet HTML 5Page - Burr-Brown (TI) MPC104AP Datasheet HTML 6Page - Burr-Brown (TI) MPC104AP Datasheet HTML 7Page - Burr-Brown (TI) MPC104AP Datasheet HTML 8Page - Burr-Brown (TI) MPC104AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
MPC104
2
SPECIFICATIONS–DC CHARACTERISTICS
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
MPC104AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT OFFSET VOLTAGE
Initial
14
±30
mV
vs Temperature
60
µV/°C
vs Supply (Tracking)
VCC = ±4.5V to ±5.5V
–40
–80
dB
vs Supply (Non-tracking)
VCC = +4.5V to +5.5V
–50
dB
vs Supply (Non-tracking)
VCC = –4.5V to –5.5V
–50
dB
Initial Matching
All Buffers
3
mV
INPUT BIAS CURRENT
Initial
5
±10
µA
vs Temperature
20
nA/
°C
vs Supply (Tracking)
VCC = ±4.5V to ±5.5V
±710
nA/V
vs Supply (Non-tracking)
VCC = +4.5V to +5.5V
0.26
µA/V
vs Supply (Non-tracking)
VCC = –4.5V to –5.5V
1.7
µA/V
INPUT IMPEDANCE
Resistance
Channel On
0.88
M
Ω
Capacitance
Channel On
1.0
pF
Capacitance
Channel Off
1.0
pF
INPUT NOISE
Voltage Noise Density
fOUT = 20kHz to 10MHz
5
nV/
√Hz
Signal-to-Noise Ratio
S/N = 0.7/VN • √5MHz
96
dB
INPUT VOLTAGE RANGE
Gain Error
≤ 10%
±3.6
V
TRANSFER CHARACTERISTICS
Voltage Gain
RL = 1kΩ, VIN = ±2V
0.982
V/V
RL = 10kΩ, VIN = ±2.8V
0.98
0.992
V/V
RATED OUTPUT
Voltage
VIN = ±3V
±2.8
±2.97
V
Resistance
One Channel Selected
12.5
Ω
Resistance
No Channel Selected
900
M
Ω
Capacitance
No Channel Selected
1.2
pF
CHANNEL SELECTION INPUTS
Logic 1 Voltage
+2
V
CC +0.6
V
Logic 0 Voltage
+0.8
V
Logic 1 Current
V
SEL = 5.0V
75
100
125
µA
Logic 0 Current
V
SEL = 0.8V
0.002
5
µA
SWITCHING CHARACTERISTICS
V
I = –0.3V to +0.7V, f = 5MHz
SEL to Channel ON Time
90% Point of V
OUT = 1Vp-p
0.13
µs
SEL to Channel OFF Time
10% Point of V
OUT = 1Vp-p
0.17
µs
Switching Transient, Positive
(Measured While Switching
+13
mV
Switching Transient, Negative
Between Two Grounded Channels)
–4
mV
POWER SUPPLY
Rated Voltage
±5V
Derated Performance
±4.5
±5.5
V
Quiescent Current
One Channel Selected, Over Temperature
±4.6
±5.3
mA
No Channel Selected, Over Temperature
±120
±175
µA
Rejection Ratio
–80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com