Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3QL50AS-22 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 3QL50AS-22
Description  Package with screw terminals Isolation voltage 3000 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

3QL50AS-22 Datasheet(HTML) 2 Page - Leshan Radio Company

  3QL50AS-22 Datasheet HTML 1Page - Leshan Radio Company 3QL50AS-22 Datasheet HTML 2Page - Leshan Radio Company 3QL50AS-22 Datasheet HTML 3Page - Leshan Radio Company 3QL50AS-22 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
3QL50AK-22 Thru 3QL50AS-22
TJ=45℃ VR=0
t=10ms (50Hz),sine
t=8.3ms(60Hz),sine
TJ=150℃ VR=0 t=10ms (50Hz),sine
t=8.3ms(60Hz),sine
I2t
1800
2000
1270
1410
A2s
Storage temperature
Tstg
-40 to +150
℃
50/60Hz RMS t=1 min
IISOL ≤ 1mA
t=1 s
VISOL
2500
3000
V~
Mounting torque(M5)
Terminal connection torque(M5)
Md
(
Recommended Value 1.5~2.5)5±15%
N·m
typical
Weight
160
g
IF=50A TJ=25℃
VF
1.3
V
For power-loss calculations only
VT0
0.8
V
per diode DC current
Per module
RthJC
1.57
0.26
k/w
k/w
per diode DC current(typ.)
per module(typ.)
RthCS
2.22
0.37
k/w
k/w
Creeping distance on surface
dS
10
mm
Creeping distance in air
dA
9.4
mm
Max. allowable acceleration
a
50
m/s2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com