Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP9266 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP9266
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP9266 Datasheet(HTML) 1 Page - API Technologies Corp

  FP9266 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 2000 MHz
10 - 2000 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +48 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +43 dBm (Typ.)
Third Order Two Tone Intercept Point ......... +27.5 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
m A
75
80 Max.
RF AMPLIFIER
MODEL
TM9266
Available as:
TM9266, 4 Pin TO-8 (T4)
TN9266, 4 Pin Surface Mount (SM3)
FP9266, 4 Pin Flatpack (FP4)
BX9266, Connectorized Housing (H1)
Features
!
!
!
!
! High Gain - Two Stages: 17.0 dB Typical
!
!
!
!
! High Output Level: +15.0 dBm Typical
!
!
!
!
! High Third Order I.P.: +27.5 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.5
6.7 Max.
VSWR
In
<1.8:1
2.0:1 Max.
Out
<1.8:1
2.0:1 Max.
Reverse
Isolation (dB)
-26
-24 Max.
Power @ 1 dB
Comp. (dBm)
+14.5
+14* Min.
Gain (dB)
17.0
15.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
8/2/04
* 1.0 dB less below 500 MHz.
Linear S-Parameters
FREQ.
MHz
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
==========================================================================================
10
50
100
250
500
750
1000
1250
1500
1750
2000
.21
.20
.20
.20
.21
.20
.15
.06
.04
.12
.17
175
177
176
169
154
131
101
57
-118
170
89
8.28
8.36
8.40
8.42
8.51
8.49
8.70
8.47
8.42
8.48
8.06
10
-7
-17
-45
-91
-138
175
128
80
29
-33
.0300
.0323
.0291
.0320
.0315
.0392
.0420
.0448
.0452
.0487
.0524
15
-1
7
2
3
-3
-14
-28
-39
-55
-75
.15
.03
.04
.11
.21
.27
.28
.20
.07
.13
.28
89
21
-44
-100
-147
173
129
85
21
-147
149
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - FP9266

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP9269 APITECH-FP9269 Datasheet
91Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP9266

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com