Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C850 Datasheet(PDF) 13 Page - EPCOS

Part # C850
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C850 Datasheet(HTML) 13 Page - EPCOS

Back Button C850 Datasheet HTML 8Page - EPCOS C850 Datasheet HTML 9Page - EPCOS C850 Datasheet HTML 10Page - EPCOS C850 Datasheet HTML 11Page - EPCOS C850 Datasheet HTML 12Page - EPCOS C850 Datasheet HTML 13Page - EPCOS C850 Datasheet HTML 14Page - EPCOS C850 Datasheet HTML 15Page - EPCOS C850 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Mounting
Electrode must not be scratched before/during/after the mounting process.
Contacts and housing used for assembly with thermistor have to be clean before mounting. Es-
pecially grease or oil must be removed.
When PTC thermistors are encapsulated with sealing material, the precautions given in chapter
"Mounting instructions", "Sealing and potting" must be observed.
When the thermistor is mounted, there must not be any foreign body between the electrode of
the thermistor and the clamping contact.
The minimum force of the clamping contacts pressing against the PTC must be 10 N.
During operation, the thermistor’s surface temperature can be very high. Ensure that adjacent
components are placed at a sufficient distance from the thermistor to allow for proper cooling at
the thermistors.
Ensure that adjacent materials are designed for operation at temperatures comparable to the
surface temperature of thermistor. Be sure that surrounding parts and materials can withstand
this temperature.
Avoid contamination of thermistor surface during processing.
Operation
Use thermistors only within the specified temperature operating range.
Use thermistors only within the specified voltage and current ranges.
Environmental conditions must not harm the thermistors. Use thermistors only in normal at-
mospheric conditions. Avoid use in deoxidizing gases (chlorine gas, hydrogen sulfide gas, am-
monia gas, sulfuric acid gas etc), corrosive agents, humid or salty conditions. Contact with any
liquids and solvents should be prevented.
Be sure to provide an appropriate fail-safe function to prevent secondary product damage
caused by abnormal function (e.g. use VDR for limitation of overvoltage condition).
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 13 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com