Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C860 Datasheet(PDF) 5 Page - EPCOS

Part # C860
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C860 Datasheet(HTML) 5 Page - EPCOS

  C860 Datasheet HTML 1Page - EPCOS C860 Datasheet HTML 2Page - EPCOS C860 Datasheet HTML 3Page - EPCOS C860 Datasheet HTML 4Page - EPCOS C860 Datasheet HTML 5Page - EPCOS C860 Datasheet HTML 6Page - EPCOS C860 Datasheet HTML 7Page - EPCOS C860 Datasheet HTML 8Page - EPCOS C860 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Characteristics (typical) for Tref = 80 °C
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IR versus ambient temperature TA
(measured in still air)
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 5 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com