Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C875 Datasheet(PDF) 2 Page - EPCOS

Part # C875
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C875 Datasheet(HTML) 2 Page - EPCOS

  C875 Datasheet HTML 1Page - EPCOS C875 Datasheet HTML 2Page - EPCOS C875 Datasheet HTML 3Page - EPCOS C875 Datasheet HTML 4Page - EPCOS C875 Datasheet HTML 5Page - EPCOS C875 Datasheet HTML 6Page - EPCOS C875 Datasheet HTML 7Page - EPCOS C875 Datasheet HTML 8Page - EPCOS C875 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Applications
Overcurrent protection
Short circuit protection
Features
Lead-free terminals
Marking: Type, manufacturer's logo,
reference temperature in
°C and date code
YYWW (except B59880C0130* and
B59890C*)
Short response times
UL approval for Tref = 130 °C to UL 1434 with
Vmax = 220 V and VR = 220 V
(file number E69802)
UL approval for Tref = 120 °C to UL 1434 with
Vmax = 230 V and VR = 220 V
(file number E69802)
UL approval for Tref = 80 °C to UL 1434 with
Vmax = 165 V and VR = 145 V
(file number E69802)
VDE approval for selected types
(license number 104843 E)
RoHS-compatible
Options
Leadless disks and leaded disks without
coating available on request
Thermistors with diameter w
≤11.0 mm are
also available on tape (to IEC 60286-2)
Delivery mode
Cardboard strips (standard)
Cardboard tape reeled or in Ammo pack on
request
Dimensional drawing
Dimensions (mm)
Type
Tref
°C
wmax
hmax
∅d
C810
130
22.0
25.5
0.8
C830
80
22.0
25.5
0.6
C830
120
22.0
25.5
0.6
C830
130
17.5
21.0
0.8
C840
80
17.5
21.0
0.6
C840
120
17.5
21.0
0.6
C840
130
13.5
17.0
0.6
C850
80
13.5
17.0
0.6
C850
120
13.5
17.0
0.6
C850
130
11.0
14.5
0.6
C860
80
11.0
14.5
0.6
C860
120
11.0
14.5
0.6
C860
130
9.0
12.5
0.6
C870
80
9.0
12.5
0.6
C870
120
9.0
12.5
0.6
C870
130
6.5
10.0
0.6
C872
120
9.0
12.5
0.6
C873
120
9.0
12.5
0.6
C874
120
9.0
12.5
0.6
C875
120
9.0
12.5
0.6
C880
80
6.5
10.0
0.6
C880
120
6.5
10.0
0.6
C880
130
4.0
7.5
0.6
C883
120
6.5
10.0
0.6
C890
80
4.0
7.5
0.5
C890
120
4.0
7.5
0.5
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com