Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASYML0007 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MASYML0007
Description  Low Phase Noise - Phased Locked Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MASYML0007 Datasheet(HTML) 2 Page - API Technologies Corp

  MASYML0007 Datasheet HTML 1Page - API Technologies Corp MASYML0007 Datasheet HTML 2Page - API Technologies Corp MASYML0007 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Min
Typ
Max
Unit
Notes
Frequency
1600
MHz Deivativedesignsavailable
from1.0GHzto2.0GHz
RFOutputpower
-3
0
+3
dBm
RFOutputVSWR
1.2:1
SwitchonTime
200
350
ms
Harmonic
-20
-15
dBc
Spurious
-75
-70
dBc
PhaseNoise
-76
-73
dBc/Hz 10Hzoffset
-86
-83
dBc/Hz 100Hzoffset
-96
-93
dBc/Hz 1kHzoffset
-106
-103
dBc/Hz 10kHzoffset
-133
-130
dBc/Hz 100kHzoffset
-153
-150
dBc/Hz 1MHzoffset
-163
-160
dBc/Hz >10MHzoffset
ExternalRef
100
MHz Withstabiltuof200ppm
(Max)overtemperature.
Referencephasenoise:
-98dBc/Hz@10Hz
-110dBc/Hz@100Hz
-120dBc/Hz@1kHz
LockMonitor(inlock)
2.0
2.5
3.3
Volt
LockMonitor(notlock)
0
0.1
0.8
Volt
DCSupplyvoltage
9
Volt
Othervoltagesmaybe
specified
Powerconsumption
1
Watt
OperatingTemperature
-40
+85
°C
NON-Operating/StorageTemperature
-55
+125
°C
TypicalElectricalPerformance
MechanicalOutline



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com