Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF41 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SF41
Description  per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF41 Datasheet(HTML) 2 Page - Leshan Radio Company

  SF41 Datasheet HTML 1Page - Leshan Radio Company SF41 Datasheet HTML 2Page - Leshan Radio Company SF41 Datasheet HTML 3Page - Leshan Radio Company SF41 Datasheet HTML 4Page - Leshan Radio Company SF41 Datasheet HTML 5Page - Leshan Radio Company SF41 Datasheet HTML 6Page - Leshan Radio Company SF41 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.Ratings and Characteristic Curves ( TA = 25
°C unless otherwise noted )
SF41 thru SF48
Fig. 1
– Forward Current Derating Curve
Fig. 2
– Maximum Non-repetitive Peak
Forward Surge Current
Fig 4.
– Typical Reverse Characteristics
Fig 3.
– Typical Instantaneous Forward
Characteristics
Fig 5.
–typical transient thermal
impedance
Fig 6.
– Typical Junction Capacitance
0
25
50
75
100 125
150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
100
10
1.0
0.1
0.01
10
1.0
0.1
0.01
100
4.0
2.0
0
200
100
0
TJ = 75°C
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Ambient Temperature,
°C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
TA=Ambient Temperature
0.375"(9.5mm)Lead Lengh
60 Hz Resistive or Inductive load
TL=Lead Temperature with both leads heat
sink mounted with length(L) as shown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com