Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3003 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM3003 Datasheet HTML 1Page - Burr-Brown (TI) PCM3003 Datasheet HTML 2Page - Burr-Brown (TI) PCM3003 Datasheet HTML 3Page - Burr-Brown (TI) PCM3003 Datasheet HTML 4Page - Burr-Brown (TI) PCM3003 Datasheet HTML 5Page - Burr-Brown (TI) PCM3003 Datasheet HTML 6Page - Burr-Brown (TI) PCM3003 Datasheet HTML 7Page - Burr-Brown (TI) PCM3003 Datasheet HTML 8Page - Burr-Brown (TI) PCM3003 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
®
PCM3002/3003
4
V
CC1
V
CC1
V
INR
V
REFL
V
REFR
V
INL
PDAD
PDDA
SYSCLK
LRCIN
BCKIN
DOUT
V
CC2
AGND1
AGND2
V
COM
V
OUTR
V
OUTL
DEM0
DEM1
20BIT
DIN
V
DD
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PCM3003
V
CC1
V
CC1
V
INR
V
REFL
V
REFR
V
INL
RST
ML
SYSCLK
LRCIN
BCKIN
DOUT
V
CC2
AGND1
AGND2
V
COM
V
OUTR
V
OUTL
MC
MD
ZFLG
DIN
V
DD
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PCM3002
PIN CONFIGURATION—PCM3002
PIN CONFIGURATION—PCM3003
Top View
SSOP
Top View
SSOP
PIN
NAME
I/O
DESCRIPTION
1VCC1
ADC Analog Power Supply
2VCC1
ADC Analog Power Supply
3VINR
IN
ADC Analog Input, Rch
4VREFL
ADC Reference, Lch
5VREFR
ADC Reference, Rch
6VINL
IN
ADC Analog Input, Lch
7
RST
IN
Reset, Active LOW(1, 2)
8
ML
IN
Strobe Pulse for Mode Control(1, 2)
9
SYSCLK
IN
System Clock Input(2)
10
LRCIN
IN
Sample Rate Clock Input (fS)(2)
11
BCKIN
IN
Bit Clock Input(2)
12
DOUT
OUT
Data Output
13
DGND
Digital Ground
14
VDD
Digital Power Supply
15
DIN
IN
Data Input(2)
16
ZFLG
OUT
Zero Flag Output, Active LOW(3)
17
MD
IN
Serial Data for Mode Control(1, 2)
18
MC
IN
Bit Clock for Mode Control(1, 2)
19
VOUTL
OUT
DAC Analog Output, Lch
20
VOUTR
OUT
DAC Analog Output, Rch
21
VCOM
ADC/DAC Common
22
AGND2
DAC Analog Ground
23
AGND1
ADC Analog Ground
24
VCC2
DAC Analog Power Supply
NOTES: (1) With 100k
Ω typical internal pull-down resistor. (2) Schmitt-Trigger
input. (3) Open drain output.
PIN ASSIGNMENTS—PCM3002
PIN
NAME
I/O
DESCRIPTION
1VCC1
ADC Analog Power Supply
2VCC1
ADC Analog Power Supply
3VINR
IN
ADC Analog Input, Rch
4VREFL
ADC Reference, Lch
5VREFR
ADC Reference, Rch
6VINL
IN
ADC Analog Input, Lch
7
PDAD
IN
ADC Power Down, Active LOW(1, 2)
8
PDDA
IN
DAC Power Down, Active LOW(1, 2)
9
SYSCLK
IN
System Clock Input(2)
10
LRCIN
IN
Sample Rate Clock Input (fS)(2)
11
BCKIN
IN
Bit Clock Input(2)
12
DOUT
OUT
Data Output
13
DGND
Digital Ground
14
VDD
Digital Power Supply
15
DIN
IN
Data Input
16
20BIT
IN
20-Bit Format Select(1, 2)
17
DEM1
IN
De-emphasis Control(1, 2)
18
DEM0
IN
De-emphasis Control 0(1, 2)
19
VOUTL
OUT
DAC Analog Output, Lch
20
VOUTR
OUT
DAC Analog Output, Rch
21
VCOM
ADC/DAC Common
22
AGND2
DAC Analog Ground
23
AGND1
ADC Analog Ground
24
VCC2
DAC Analog Power Supply
NOTE: (1) With 100k
Ω typical internal pull-down resistor. (2) Schmitt-Trigger
input.
PIN ASSIGNMENTS—PCM3003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com