Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM78P Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PCM78P Datasheet HTML 4Page - Burr-Brown (TI) PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) PCM78P Datasheet HTML 10Page - Burr-Brown (TI) PCM78P Datasheet HTML 11Page - Burr-Brown (TI) PCM78P Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
®
PCM78
8
THD+N vs CONVERSION TIME (–60dB)
5.2
4.4
26
10
Convert Time (µs)
48
4.8
4.6
5.0
THD+N vs CONVERSION TIME (–20dB)
0.051
0.049
0.045
26
10
Convert Time (µs)
0.047
48
0.050
0.048
0.046
THD+N vs CONVERSION TIME (0dB)
0.008
0.007
0.005
26
10
Convert Time (µs)
0.006
48
TYPICAL
PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = ±15V, unless otherwise noted.
THEORY OF OPERATION
The PCM78P is a successive approximation A/D converter;
this type of converter is well suited to high speed and
resolution. The accuracy of a successive approximation
converter is described by the transfer function shown in
Figure 1. All successive-approximation A/ D converters
have an inherent quantization error of
±1/2LSB. The
remaining errors in the A/ D converter are combinations of
analog errors due to the linear circuitry, matching and
tracking properties of the ladder and scaling networks,
power supply rejection, and reference errors. In summary,
these errors consist of initial errors including Gain, Offset,
Linearity, Differential Linearity, and Power Supply Sensi-
tivity. Gain drift over temperature rotates the line (Figure 1)
about zero, and Offset drift shifts the line left or right over
the operating temperature range. Total Harmonic Distortion
+ Noise (THD+N) is a measure of the magnitude and
distribution of the Linearity Error, Differential Linearity
Error, and Noise, as well as quantization errors. The
THD+N specification is most useful in audio or dynamic
signal processing applications. To be useful, THD+N
should be specified for both high level and low level input
signals. This error is unadjustable and is the most meaning-
ful indicator of A/ D converter accuracy for dynamic
applications.
DYNAMIC RANGE
Dynamic range is a measure of the ratio of the smallest
signals the converter can resolve to the full scale range and
is usually expressed in decibels. The theoretical dynamic
range of a converter is approximately 6 x n, where n is the
number of bits of resolution. A 16-bit converter would thus
have a theoretical dynamic range of 96dB. The actual useful
dynamic range is limited by noise and linearity errors and
is therefore somewhat less than the theoretical limit.
FIGURE 1. Input vs Output for Ideal Bipolar A/D Converter.
0111…1111
0111…1110
0000…0010
0000…0001
0000…0000
1111…1111
1111…1110
1000…0001
1000…0000
*See Input/Output Relationship Table for code definitions.
–FSR
2
Analog Input
All Bits On
Gain
Error
+1/2LSB
All Bits Off
Offset
Error
–1/2LSB
+FSR
2
–1LSB
On
IN
E
Off
IN
E
(
()
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com