Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF102 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF102
Description  Precision VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF102 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  REF102 Datasheet HTML 1Page - Burr-Brown (TI) REF102 Datasheet HTML 2Page - Burr-Brown (TI) REF102 Datasheet HTML 3Page - Burr-Brown (TI) REF102 Datasheet HTML 4Page - Burr-Brown (TI) REF102 Datasheet HTML 5Page - Burr-Brown (TI) REF102 Datasheet HTML 6Page - Burr-Brown (TI) REF102 Datasheet HTML 7Page - Burr-Brown (TI) REF102 Datasheet HTML 8Page - Burr-Brown (TI) REF102 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
REF102
6
THEORY OF OPERATION
Refer to the diagram on the first page of this data sheet. The
10V output is derived from a compensated buried zener
diode DZ1, op amp A1, and resistor network R1–R6.
Approximately 8.2V is applied to the non-inverting input of
A1 by DZ1. R1, R2, and R3 are laser-trimmed to produce an
exact 10V output. The zener bias current is established from
the regulated output voltage through R4. R5 allows user-
trimming of the output voltage by providing for small
external adjustment of the amplifier gain. Because the TCR
of R5 closely matches the TCR of R1, R2 and R3 , the voltage
trim has minimal effect on the reference drift. The output
voltage noise of the REF102 is dominated by the noise of the
zener diode. A capacitor can be connected between the
Noise Reduction pin and ground to form a low-pass filter
with R6 and roll off the high-frequency noise of the zener.
DISCUSSION
OF PERFORMANCE
The REF102 is designed for applications requiring a preci-
sion voltage reference where both the initial value at room
temperature and the drift over temperature are of importance
to the user. Two basic methods of specifying voltage refer-
ence drift versus temperature are in common usage in the
industry—the “butterfly method” and the “box method.”
The REF102 is specified with the more commonly used
“box method.” The “box” is formed by the high and low
specification temperatures and a diagonal, the slope of
which is equal to the maximum specified drift.
Since the shape of the actual drift curve is not known, the
vertical position of the box is not exactly known either. It is,
however, bounded by V
UPPER BOUND and VLOWER BOUND (see
Figure 1). Figure 1 uses the REF102CM as an example. It
has a drift specification of 2.5ppm/
°C maximum and a
specification temperature range of –25
°C to +85°C. The
“box” height, V
1 to V2, is 2.75mV.
FIGURE 1. REF102CM Output Voltage Drift.
2.75mV
Worst-case
∆V
OUT for
REF102CM
INSTALLATION AND
OPERATING INSTRUCTIONS
BASIC CIRCUIT CONNECTION
Figure 2 shows the proper connection of the REF102. To
achieve the specified performance, pay careful attention to
layout. A low resistance star configuration will reduce volt-
age errors, noise pickup, and noise coupled from the power
supply. Commons should be connected as indicated being
sure to minimize interconnection resistances.
Minimum range (
±300mV) and minimal
degradation of drift.
FIGURE 3. REF102 Optional Output Voltage Adjust.
NOTES: (1) Lead resistances here of up to a few ohms have negligible
effect on performance. (2) A resistance of 0.1
Ω in series with these
leads will cause a 1mV error when the load current is at its maximum of
10mA. This results in a 0.01% error of 10V.
FIGURE 2. REF102 Installation.
OPTIONAL OUTPUT VOLTAGE ADJUSTMENT
Optional output voltage adjustment circuits are shown in
Figures 3 and 4. Trimming the output voltage will change
the voltage drift by approximately 0.008ppm/
°C per mV of
trimmed voltage. In the circuit in Figure 3, any mismatch in
TCR between the two sections of the potentiometer will also
affect drift, but the effect of the
∆TCR is reduced by a factor
of five by the internal resistor divider. A high quality
potentiometer, with good mechanical stability, such as a
cermet, should be used. The circuit in Figure 3 has a
minimum trim range of
±300mV. The circuit in Figure 4 has
less range but provides higher resolution. The mismatch in
TCR between RS and the internal resistors can introduce
some slight drift. This effect is minimized if RS is kept
significantly larger than the 50k
Ω internal resistor. A TCR
of 100ppm/
°C is normally sufficient.
REF102BM V
UPPER BOUND
+10.00275
V1
V
NOMINAL
+10.0000
V2
+9.99725
REF102BM V
LOWER BOUND
–25
0
+25
+50
+85
Temperature (°C)
REF102
1µF
Tantalum
+
R
L 1
R
L 2
R
L 3
V+
(1)
2
(2)
(2)
(1)
4
6
REF102
1µF
Tantalum
+
V+
2
4
20k
Output
Voltage
Adjust
Ω
+10V
5
V
TRIM
6
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com