Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF200AP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REF200AP Datasheet HTML 1Page - Burr-Brown (TI) REF200AP Datasheet HTML 2Page - Burr-Brown (TI) REF200AP Datasheet HTML 3Page - Burr-Brown (TI) REF200AP Datasheet HTML 4Page - Burr-Brown (TI) REF200AP Datasheet HTML 5Page - Burr-Brown (TI) REF200AP Datasheet HTML 6Page - Burr-Brown (TI) REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
REF200
3
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +15V, unless otherwise noted.
100.1
100
99.9
99.8
99.7
99.6
99.5
–25
–50
25
75
50
125
100
0
Temperature (°C)
85°C
Drift specified by
“box method”
(See text)
CURRENT SOURCE
TYPICAL DRIFT vs TEMPERATURE
600
500
400
300
200
100
0
5
010
Temperature Drift (ppm/°C)
Distribution of three
production lots —
1284 Current Sources.
20
15
25
35
30
40
50
45
55
65
60
2
5
117
30
15
6
0
11
501
454
86
66
CURRENT SOURCE
TEMPERATURE DRIFT DISTRIBUTION
101
100.8
100.6
100.4
100.2
100
99.8
99.6
99.4
99.2
99
0
5
10
15
20
25
30
35
40
Voltage (V)
CURRENT SOURCE
OUTPUT CURRENT vs VOLTAGE
CURRENT SOURCE
OUTPUT CURRENT vs VOLTAGE
0
100.5
100.4
100.3
100.2
100.1
100
99.9
99.8
99.7
99.6
99.5
Voltage (V)
12345
–55°C
25°C
125°C
1000
900
800
700
600
500
400
300
200
100
0
0–2
–4
–6
–8
–10
–12
Reverse Voltage (V)
CURRENT SOURCE
REVERSE CURRENT vs REVERSE VOLTAGE
Reverse Voltage
Circuit Model
12k
Ω
7V
5k
Ω
Safe Reverse Current
Safe Reverse Voltage
CURRENT SOURCE
CURRENT NOISE (0.1Hz to 10Hz)
Time (500ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com