Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS256J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS256J
Description  DUAL 4-BIT ADDRESSABLE LATCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS256J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS256J Datasheet HTML 1Page - Motorola, Inc SN54LS256J Datasheet HTML 2Page - Motorola, Inc SN54LS256J Datasheet HTML 3Page - Motorola, Inc SN54LS256J Datasheet HTML 4Page - Motorola, Inc SN54LS256J Datasheet HTML 5Page - Motorola, Inc SN54LS256J Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-421
FAST AND LS TTL DATA
DUAL 4-BIT
ADDRESSABLE LATCH
The SN54/74LS256 is a Dual 4-Bit Addressable Latch with common control
inputs; these include two Address inputs (A0, A1), an active LOW Enable input
(E) and an active LOW Clear input (CL). Each latch has a Data input (D) and
four outputs (Q0–Q3).
When the Enable (E) is HIGH and the Clear input (CL) is LOW, all outputs
(Q0–Q3) are LOW. Dual 4-channel demultiplexing occurs when the (CL) and
E are both LOW. When CL is HIGH and E is LOW, the selected output
(Q0–Q3), determined by the Address inputs, follows D. When the E goes
HIGH, the contents of the latch are stored. When operating in the addressable
latch mode (E = LOW, CL = HIGH), changing more than one bit of the Address
(A0, A1) could impose a transient wrong address. Therefore, this should be
done only while in the memory mode (E= CL = HIGH).
• Serial-to-Parallel Capability
• Output From Each Storage Bit Available
• Random (Addressable) Data Entry
• Easily Expandable
• Active Low Common Clear
• Input Clamp Diodes Limit High Speed Termination Effects
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
A0
CL
E
Db Q3b
Q1b
Q2b
Q0b
A1
Da
Q0a Q1a Q2a Q3a GND
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
PIN NAMES
LOADING (Note a)
HIGH
LOW
A0, A1
Address Inputs
0.5 U.L.
0.25 U.L.
Da, Db
Data Inputs
0.5 U.L.
0.25 U.L.
E
Enable Input (Active LOW)
1.0 U.L.
0.5 U.L.
CL
Clear Input (Active LOW)
0.5 U.L.
0.25 U.L.
Q0a – Q3a,
Q0b – Q3b
Parallel Latch Outputs (Note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial
(74) Temperature Ranges.
SN54/74LS256
DUAL 4-BIT
ADDRESSABLE LATCH
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03
4
5 6
7
9 10 11 12
3
2 1 15
14 13
Da E A0
A1
CL
Q0a Q1a Q2a Q3a
Q0b Q1b Q2b Q3b
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
E Db
A0
A1
CL


Similar Part No. - SN54LS256J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54LS251 TI-SN54LS251 Datasheet
312Kb / 9P
DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS251 TI-SN54LS251 Datasheet
1Mb / 22P
DATA SELESTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS251 TI1-SN54LS251 Datasheet
1Mb / 22P
DATA SELECTOR/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS251FK TI-SN54LS251FK Datasheet
312Kb / 9P
DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LS256J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4723BM NSC-CD4723BM Datasheet
146Kb / 8P
Dual 4-Bit, 8-Bit Addressable Latch
logo
NXP Semiconductors
74F256 PHILIPS-74F256 Datasheet
104Kb / 12P
Dual addressable latch
1988 Nov 29
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com