Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR151 Datasheet(PDF) 1 Page - Bytes

Part # FR151
Description  1.5 AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

FR151 Datasheet(HTML) 1 Page - Bytes

  FR151 Datasheet HTML 1Page - Bytes FR151 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.5 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
5.0
100
30
-65
+150
V
A
A
V
µA
µA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams
FR151
FR157
THRU
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range T , T
J
STG
FR151 FR152 FR153 FR154 FR155 FR156 FR157 UNITS


Similar Part No. - FR151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR151 ZOWIE-FR151 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151 JGD-FR151 Datasheet
136Kb / 2P
1.5 AMPS. FAST RECOVRY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR151 CHENYI-FR151 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR151

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR151 FORMOSA-FR151 Datasheet
33Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
logo
Yangzhou yangjie electr...
FR151 YANGJIE-FR151 Datasheet
458Kb / 1P
1.5 AMP. FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR151-2C1.5A-2CDO-41 DGNJDZ-FR151-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
FR152-2C1.5A-2CDO-41 DGNJDZ-FR152-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
FR153-2C1.5A-2CDO-41 DGNJDZ-FR153-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
FR154-2C1.5A-2CDO-41 DGNJDZ-FR154-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
FR155-2C1.5A-2CDO-41 DGNJDZ-FR155-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
FR156-2C1.5A-2CDO-41 DGNJDZ-FR156-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
FR157-2C1.5A-2CDO-41 DGNJDZ-FR157-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR151 YIXIN-FR151 Datasheet
252Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com