Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM6149 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM6149
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM6149 Datasheet(HTML) 1 Page - API Technologies Corp

  TM6149 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linear S-Parameters
FREQ.
–––––S11–––––
–––––S21–––––
–––––S12–––––
–––––S22–––––
MHZ
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +47 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +41 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +30 dBm (Typ.)
RF AMPLIFIER
MODEL
TM6149
Features
! Medium Gain: 15.3 dB Typical
! Medium Output Power: +16 dBm Typical
! Operating Temp. - 55 ºC to + 85 ºC
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
5 - 500 MHz
5 - 500 MHz
Gain (dB)
15.3
14.5 Min.
Power @ 1 dB
Comp. (dBm)
+16
+14.5 Min.
Reverse
Isolation (dB)
-19
-18 Max.
VSWR
In
<1.25:1
2:0:1 Max.
Out
<1.25:1
2:0:1 Max.
Noise figure (dB)
<5.0
6.0 Max.
Power
Vdc
+15
+15
m A
45
48 Max.
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Noise Figure
06/29/04
Available as:
TM6149, 4 Pin TO-8B (T4)
TN6149, 4 Pin Surface Mount (SM3)
FP6149, 4 Pin Flatpack (FP4)
BX6149, Connectorized Housing (H1)
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
5
.14
- 66
5.58
-167
.09
13
.14
119
50
.02
22
5.85
172
.09
1
.01
93
100
.03
49
5.81
161
.09
- 2
.01
-171
200
.07
52
5.78
141
.10
- 7
.03
-160
300
.08
44
5.75
121
.10
-12
.05
169
400
.08
41
5.75
101
.11
-17
.09
140
500
.05
50
5.71
79
.12
-25
.14
110
600
.06
136
5.67
56
.13
-34
.22
77
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM6149

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM6149 SPECTRUM-TM6149 Datasheet
60Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM6149

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com