Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6576 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N6576
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6576 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N6576 Datasheet HTML 1Page - Savantic, Inc. 2N6576 Datasheet HTML 2Page - Savantic, Inc. 2N6576 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6576 2N6577 2N6578
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6576
60
2N6577
90
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6578
IC=0.2A ;IB=0
120
V
VCEsat-1
Collector-emitter saturation voltage
IC=10A; IB=100mA
2.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A ;IB=150mA
4.0
V
VBE sat-1
Base-emitter saturation voltage
IC=10A; IB=100mA
3.5
V
VBE sat-2
Base-emitter saturation voltage
IC=15A ;IB=150mA
4.5
V
2N6576
VCE=60V; IB=0
2N6577
VCE=90V; IB=0
ICEO
Collector cut-off current
2N6578
VCE=120V; IB=0
1.0
mA
2N6576
VCB=60V; IE=0
2N6577
VCB=90V; IE=0
ICBO
Collector cut-off current
2N6578
VCB=120V; IE=0
0.5
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
7.5
mA
hFE-1
DC current gain
IC=0.4A ; VCE=3V
200
hFE-2
DC current gain
IC=4A ; VCE=3V
2000
20000
hFE-3
DC current gain
IC=10A ; VCE=3V
500
5000
hFE-4
DC current gain
IC=15A ; VCE=4V
100
VF
Diode forward voltage
IF=15A
4.5
A
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.46
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com