Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-M02 Datasheet(PDF) 16 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 16 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 20Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
016
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
 Forward Flux Binning Parameter (25degC)
CRI 80 Series
Parameter
Code 4
Bin
Symbol
Min
Max
Unit
Code 9=0
Code 9=1
Luminous Flux
08
(8W)
A1A
ΦV
650
750
lm
Full Bins
AC
750
950
Main Bin
CD
950
1050
10
(10W)
EF
1150
1250
Full Bins
FH
1250
1500
Main Bin
HI
1500
1600
20
(20W)
KL
1900
2050
Full Bins
LN
2050
2450
Main Bin
NO
2450
2600
30
(30W)
PQ
2800
3050
Full Bins
QS
3050
3550
Main Bin
ST
3550
3800
8W Product (Code 4=08)
Main Bin
10W Product (Code 4=10)
Main Bin
20W Product (Code 4=20)
Main Bin
30W Product (Code 4=30)
Main Bin
-15% ~ -8%
-8% ~ +8%
+8% ~ +15%
1150lm
1250lm
1500lm
1600lm
E
F
H
I
1900lm
2050lm
2450lm
2600lm
K
L
N
O
2800lm
3050lm
3550lm
3800lm
P
Q
S
T
Main Bin
Full Bins
650lm
750lm
950lm
1050lm
A1
A
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com