Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP8A80H Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTP8A80H
Description  3 Quadrants Standard TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP8A80H Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTP8A80H Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP8A80H Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP8A80H Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP8A80H Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP8A80H Datasheet HTML 5Page - SemiHow Co.,Ltd. HTP8A80H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
Typical Characteristics
Fig 1. R.M.S. current vs. Power dissipation
Fig 2. R.M.S. current vs. Case temperature
Fig 3. Gate power characteristics
Fig 4. Surge on state current rating
(Non-repetitive)
Fig 5. Gate trigger current vs.
junction temperature
Fig 6. Gate trigger voltage vs.
junction temperature
0
1
2
3
4
5
6
7
8
9
10
90
100
110
120
130
180
o
150
o
120
o
90
o
60
o
R.M.S. on state current, I
T(RMS) [A]
30
o
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
30
o
60
o
90
o
120
o
150
o
R.M.S. on state current, I
T(RMS) [A]
180
o
10
0
10
1
10
2
0
10
20
30
40
50
60
70
80
90
100
50Hz
60Hz
Time [cycles]
10
0
10
1
10
2
10
3
10
4
10
-1
10
0
10
1
25[
oC]
I
+GT1
I
-GT1
I
-GT3
P
G(AV)(0.5W)
P
GM(5W)
V
GD
Gate current, I
G [mA]
-50
-25
0
25
50
75
100
125
150
0
1
2
Junction temperature, T
J [
oC]
I
+GT1
I
-GT1
I
-GT3
-50
-25
0
25
50
75
100
125
150
0
1
2
Junction temperature, T
J [
oC]
V
+GT1
V
-GT1
V
-GT3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com