Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP12A60H Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTP12A60H
Description  3 Quadrants Standard TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP12A60H Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTP12A60H Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP12A60H Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP12A60H Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP12A60H Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP12A60H Datasheet HTML 5Page - SemiHow Co.,Ltd. HTP12A60H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
T2
T1
G
FEATURES
 Repetitive Peak Off-State Voltage : 600V/800V
 R.M.S On–State Current (I
T(RMS) = 12A)
 Gate Trigger Current : 35mA
 High commutation capability.
Applications
General purpose of AC switching, heating control, motor control, etc
General Description
Semihow’s standard TRIAC product is a glass passivated device,
has a high commutative performance, stable gate triggering level to
temperature and high off state voltage. It is generally suitable for
power and phase control in ac application
HTP12A60H/HTP12A80H
3 Quadrants Standard TRIAC
V
DRM = 600V/800V
I
T(RMS) = 12 A
I
TSM = 126 A
I
GT = 35mA
Symbol
Absolute Maximum Ratings
(T
J=25℃ unless otherwise specified )
Symbol
Parameter
Conditions
Ratings
Unit
HTP12A60H HTP12A80H
V
DRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz, Gate open
600
800
V
V
RRM
Repetitive Peak Reverse Voltage
600
800
V
I
T(AV)
Average On-State Current
Full sine wave, T
C = 85.7
oC
10.8
A
I
T(RMS)
R.M.S. On-State Current
12
A
I
TSM
Surge On-State Current
½ cycle, 50Hz/60Hz, Sine wave,
Non repetitive
120/126
A
I2t
Fusing Current
t = 10ms
72
A2S
P
GM
Forward Peak Gate Power
Dissipation
T
J = 125 °C
5
W
P
G(AV)
Forward Average Gate Power
Dissipation
T
J = 125 °C, over any 20ms
0.5
W
I
FGM
Forward Peak Gate Current
T
J = 125 °C, pulse width ≤ 20us
2
A
V
RGM
Reverse Peak Gate Voltage
T
J = 125 °C, pulse width ≤ 20us
5
V
T
J
Operating Junction Temperature
-40~+150
oC
T
STG
Storage Temperature
-40~+150
oC
TO-220


Similar Part No. - HTP12A60H

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results

Similar Description - HTP12A60H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTC4A60H SEMIHOW-HTC4A60H Datasheet
540Kb / 6P
3 Quadrants Standard TRIAC
HTP4A60H SEMIHOW-HTP4A60H Datasheet
372Kb / 6P
3 Quadrants Standard TRIAC
HTP6A60H SEMIHOW-HTP6A60H Datasheet
390Kb / 6P
3 Quadrants Standard TRIAC
HTP8A60H SEMIHOW-HTP8A60H Datasheet
400Kb / 6P
3 Quadrants Standard TRIAC
HTP16A80H SEMIHOW-HTP16A80H Datasheet
409Kb / 6P
3 Quadrants Standard TRIAC
HTS4A80H SEMIHOW-HTS4A80H Datasheet
374Kb / 6P
3 Quadrants Standard TRIAC
HTS6A60H SEMIHOW-HTS6A60H Datasheet
377Kb / 5P
3 Quadrants Standard TRIAC
HTS8A80H SEMIHOW-HTS8A80H Datasheet
388Kb / 5P
3 Quadrants Standard TRIAC
HTS12A80H SEMIHOW-HTS12A80H Datasheet
394Kb / 5P
3 Quadrants Standard TRIAC
HTS16A80H SEMIHOW-HTS16A80H Datasheet
396Kb / 5P
3 Quadrants Standard TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com