Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS299 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS299
Description  8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS299 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS299 Datasheet HTML 1Page - Motorola, Inc SN54LS299 Datasheet HTML 2Page - Motorola, Inc SN54LS299 Datasheet HTML 3Page - Motorola, Inc SN54LS299 Datasheet HTML 4Page - Motorola, Inc SN54LS299 Datasheet HTML 5Page - Motorola, Inc SN54LS299 Datasheet HTML 6Page - Motorola, Inc SN54LS299 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-479
FAST AND LS TTL DATA
8-BIT SHIFT/STORAGE REGISTER
WITH 3-STATE OUTPUTS
The SN54 / 74LS299 is an 8-Bit Universal Shift / Storage Register with
3-state outputs. Four modes of operation are possible: hold (store), shift left,
shift right and load data.
The parallel load inputs and flip-flop outputs are multiplexed to reduce the
total number of package pins. Separate outputs are provided for flip-flops Q0
and Q7 to allow easy cascading. A separate active LOW Master Reset is used
to reset the register.
• Common I/O for Reduced Pin Count
• Four Operation Modes: Shift Left, Shift Right, Load and Store
• Separate Shift Right Serial Input and Shift Left Serial Input for Easy
Cascading
• 3-State Outputs for Bus Oriented Applications
• Input Clamp Diodes Limit High-Speed Termination Effects
• ESD > 3500 Volts
CONNECTION DIAGRAM DIP (TOP VIEW)
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
S0
S1 Ds7 Q7 I/O7
I/O3
I/O5
I/O1
OE1 OE2 I/O6 I/O4 I/O2 I/O0 Q0
9
10
MR GND
12
11
CP DS0
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
PIN NAMES
LOADING (Note a)
HIGH
LOW
CP
Clock Pulse (active positive-going edge) Input
0.5 U.L.
0.25 U.L.
DS0
Serial Data Input for Right Shift
0.5 U.L.
0.25 U.L.
DS7
Serial Data Input for Left Shift
0.5 U.L.
0.25 U.L.
I/On
Parallel Data Input or
Parallel Output (3-State) (Note c)
0.5 U.L.
65 (25) U.L.
0.25 U.L.
15 (7.5) U.L.
OE1, OE2
3-State Output Enable (active LOW) Inputs
0.5 U.L.
0.25 U.L.
Q0, Q7
Serial Outputs (Note b)
10 U.L.
5 (2.5) U.L.
MR
Asynchronous Master Reset (active LOW) Input
0.5 U.L.
0.25 U.L.
S0, S1
Mode Select Inputs
1 U.L.
0.5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
c) The Output LOW drive factor is 7.5 U.L for Military (54) and 15 U.L. for Commercial (74). The Output HIGH drive factor is 25 U.L. for Military (54) and 65 U.L. for
Commercial (74) Temperature Ranges.
SN54/74LS299
8-BIT SHIFT/STORAGE REGISTER
WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - SN54LS299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS299 TI-SN54LS299 Datasheet
315Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS299 TI-SN54LS299 Datasheet
913Kb / 23P
8-BIT UNIVERSAL SHIFR/STORAGE REGISTERS
SN54LS299 TI-SN54LS299 Datasheet
680Kb / 16P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS299 TI-SN54LS299 Datasheet
680Kb / 16P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54LS299FK TI-SN54LS299FK Datasheet
315Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
More results

Similar Description - SN54LS299

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
8-bit universal shift/storage register 3-State
1990 Mar 01
74F598 PHILIPS-74F598 Datasheet
115Kb / 14P
8-bit shift register with input storage registers 3-State
1991 Oct 21
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
3-STATE 8-Bit Universal Shift/Storage Register
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
Renesas Technology Corp
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Texas Instruments
SN74F323 TI1-SN74F323 Datasheet
130Kb / 8P
8-BIT UNIVERSAL SHIFT-STORAGE REGISTER WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com