Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPWR101 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CMPWR101
Description  250mA SMARTOR Regulator with V switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR101 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CMPWR101 Datasheet HTML 1Page - California Micro Devices Corp CMPWR101 Datasheet HTML 2Page - California Micro Devices Corp CMPWR101 Datasheet HTML 3Page - California Micro Devices Corp CMPWR101 Datasheet HTML 4Page - California Micro Devices Corp CMPWR101 Datasheet HTML 5Page - California Micro Devices Corp CMPWR101 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
3/6/2001
3
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR101
Interface Signals
V
CC is the power source for the internal regulator and is
monitored continuously by an internal controller circuit.
Whenever V
CC exceeds VCCSEL (4.25V typically), the
internal regulator will be enabled and deliver a fixed
3.3V at V
OUT. When VCC falls below VCCDES (4.10V typi-
cally), the regulator will be disabled.
Internal loading on this pin is typically 0.6mA when the
regulator is enabled, which reduces to 0.1mA whenever
the regulator is disabled. If V
CC falls below the voltage on
the V
AUX pin, the VCC loading will further reduce to only a
few microamperes.
During a V
CC power-up or power-down sequence, there
will be an effective step increase in V
CC line current
when the regulator is enabled/disabled. This line current
transient will cause a voltage disturbance at the V
CC pin.
The magnitude of the disturbance will be directly
proportional to the effective power supply source
impedance being delivered to the V
CC input.
A built-in hysteresis voltage of 150mV has been
incorporated to minimize any chatter during supply
changeover. It is recommended that the power supply
connected to the V
CC input should have a source
resistance of less than 0.25
Ω to minimize the event of
chatter during the enabling/disabling of the regulator.
If the V
CC pin is within a few inches of the main input
filter, a capacitor may not be necessary. Otherwise an
input filter capacitor in the range of 1µF to 10µF will help
to lower the effective source impedance.
V
AUX is the auxiliary power source. When selected,
(V
CC < VCCDES), the auxiliary supply is directly connected
to V
OUT, via the low impedance (0.3Ω typically) fully
integrated switch.
The internal loading on this pin is typically less than
10µA and will increase to 100µA if V
CC falls below the
voltage on V
AUX.
When V
AUX = 0V, the VCCDES voltage is inhibited which
prevents the regulator from being disabled.
V
OUT is the regulator output voltage connection used to
power the load. An output capacitor of 4.7µF is used to
provide the necessary phase compensation, thereby
preventing oscillation. The capacitor also helps to
minimize the peak output disturbance during power
supply changeover.
DRIVE is a CMOS output logic signal (Active Low)
referenced to the V
CC supply. This output is taken low
whenever the internal regulator is not enabled. This
output is intended only as a control signal for external
circuitry.
GND is the negative reference for all voltages. The
current that flows in the ground connection is very low
(typically 0.6mA) and has minimal variation over all load
conditions.
NC is an unconnected pin which is electrically isolated
from the internal circuitry.
PIN FUNCTIONS
Pin
Symbol
Description
1
VCC
Positive (5V) supply input for regulator. (VCC > VCCSEL)
2, 3
VAUX
Auxiliary supply input is connected directly to the output via a low impedance
when the regulator is disabled.
6, 7
VOUT
Continuous output voltage (3.3V) is derived from either the internal regulator or low impedance
switch connected to the auxiliary supply input.
8
DRIVE
Output Control Signal which is taken LOW whenever VCC is unavailable
4
GND
Negative reference for all voltages
5
NC
Unconnected pin which is electrically isolated from internal circuitry.
Simplified Electrical Schematic
VOUT
3.3V
250mA
+
VCC
+
VDESELECT
4.1V
VAUX
3.3V
GND
0.2
DRIVE
ENABLE
VREF
3.3V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com