Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815AR Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2815AR
Description  1.5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AR Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2815AR Datasheet HTML 1Page - Sipex Corporation SPX2815AR Datasheet HTML 2Page - Sipex Corporation SPX2815AR Datasheet HTML 3Page - Sipex Corporation SPX2815AR Datasheet HTML 4Page - Sipex Corporation SPX2815AR Datasheet HTML 5Page - Sipex Corporation SPX2815AR Datasheet HTML 6Page - Sipex Corporation SPX2815AR Datasheet HTML 7Page - Sipex Corporation SPX2815AR Datasheet HTML 8Page - Sipex Corporation SPX2815AR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
Power Dissipation.......................................Internally Limited
Lead Temperature (soldering, 5 seconds)
...............260°C
Storage Temperature Range.......................-65°C to +150°C
Operating Junction Temperature Range.....-40°C to +125°C
Input Supply Voltage .................................................... +10V
Input to Output Voltage ................................................ +8.8V
ESD Rating .............................................................. 2kV min
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CONDITIONS
2.5V Version
SPX2815A
SPX2815
Output Voltage
2.475 2.500
2.525 2.450 2.500
2.550
V
I
OUT = 10mA, VIN =4.5V
2.450
2.550 2.425
2.575
10mA ≤ I
OUT ≤ 1.5A, 4.25V ≤ VIN ≤ 10V
3.30V Version
Output Voltage
3.267 3.300
3.333 3.234 3.300
3.366
V
I
OUT = 10mA, VIN =5V
3.234
3.366 3.201
3.399
10mA ≤ I
OUT ≤ 1.5A, 4.75V ≤ VIN ≤ 10V
5.0V Version
Output Voltage
4.950 5.000
5.050 4.900 5.000
5.100
V
I
OUT=10mA, VIN=7V
4.900
5.100 4.850
5.150
10mA ≤ I
OUT ≤ 1.5A, 6.50V ≤ VIN ≤ 10V
All Voltage Options
Reference Voltage
1.238 1.250
1.262 1.225 1.250
1.275
V
I
OUT=10mA, (VIN - VOUT )= 2V
1.225
1.275 1.212
1.287
10mA≤I
OUT≤ 1.5A, 1.5V≤(VIN-VOUT)≤ 10V
Output Voltage
0.3
0.5
%
Temperature Stability
Line Regulation
0.1
0.2
0.1
0.2
%
4.25V≤V
IN≤ 10V,VOUT=2.5V,IOUT=10mA
0.1
0.2
0.1
0.2
4.75V≤V
IN≤ 10V,VOUT=3.3V,IOUT=10mA
0.1
0.2
0.1
0.2
6.50V≤V
IN≤ 10V,VOUT=5.0V,IOUT=10mA
Load Regulation
0.1
0.3
0.1
0.3
%
10mA≤I
OUT≤ 1.5A, VOUT=2.5V
0.1
0.3
0.1
0.3
10mA≤I
OUT≤ 1.5A, VOUT=3.3V
0.1
0.3
0.1
0.3
10mA≤I
OUT≤ 1.5A, VOUT=5.0V
Dropout Voltage
1.00
1.00
V
I
OUT=0.5A
(Note 2)
1.10
1.2
1.10
1.2
I
OUT=1.5A
Quiescent Current
4
10
4
10
mA
Fixed voltage versions
Adjust Pin Current
50
120
50
120
μA
Current Limit
2.5
2.5
A
(V
IN-VOUT)=5V
Thermal Regulation
0.01
0.1
0.01
0.1
%/W
25°C, 30mS pulse
Ripple Rejection
60
75
60
75
dB
f
RIPPLE=120Hz, (VIN-VOUT)=2V,
V
RIPPLE=1VPP
Long Term Stability
0.03
0.03
%
125°C, 1000Hrs
RMS Output Noise
0.003
0.003
%
% of V
OUT, 10Hz≤f≤10kHz
Thermal Resistance
3
3
°C/W
TO-220 Junction to Case, at Tab
29.3
29.3
TO-220 Junction to Ambient
3
3
TO-263 Junction to Case, at Tab
31.4
31.4
TO-263 Junction to Ambient
6
6
TO-252 Junction to Case, at Tab
50
50
TO-252 Junction to Ambient
ELECTRICAL CHARACTERISTICS
at V
IN=VOUT + 1.5V, TA = 25°C, CIN = COUT = 10μF, IOUT =10mA, unless otherwise specified. The Boldface applies over the
full operating temperature range.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com